Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRD8775 Datasheet (PDF) - Exar Corporation

XRD8775 Datasheet PDF - Exar Corporation
Part # XRD8775
Download  XRD8775 Download
File Size   1206.38 Kbytes
Page   15 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description CMOS 8-Bit High Speed Analog-to-Digital Converter

XRD8775 Datasheet (PDF)

Go To PDF Page Download Datasheet
XRD8775 Datasheet PDF - Exar Corporation

Part # XRD8775
Download  XRD8775 Click to download

File Size   1206.38 Kbytes
Page   15 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description CMOS 8-Bit High Speed Analog-to-Digital Converter

XRD8775 Datasheet (HTML) - Exar Corporation


XRD8775 Product details

GENERAL DESCRIPTION
The XRD8775 is an 8-bit Analog-to-Digital Converter in a small 20-pin SOIC/SSOP package. Designed using an advanced 5V CMOS process, this part offers excellent performance, low power consumption and latch-up free operation.
   
FEATURES
• 8-Bit Resolution
• Up to 20MHz Sampling Rate
• Internal S/H Function
• Single Supply: 5V
• VIN DC Range: 0V to VDD
• VREF DC Range: 1V to VDD
• Low Power: 75mW typ. (excluding reference)
• Latch-Up Free
• ESD Protection: 2000V Minimum
• 3V Version: XRD87L75
• Small 20-Pin SOIC/SSOP Packages

APPLICATIONS
• Digital Color Copiers
• Cellular Telephones
• CCD-Based Systems
• Hardware Scanners
• Video Capture Boards
   




Similar Part No. - XRD8775

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD8785 EXAR-XRD8785 Datasheet
1Mb / 15P
CMOS 8-Bit High Speed Analog-to-Digital Converter
XRD8785AID EXAR-XRD8785AID Datasheet
1Mb / 15P
CMOS 8-Bit High Speed Analog-to-Digital Converter
XRD8785AIK EXAR-XRD8785AIK Datasheet
1Mb / 15P
CMOS 8-Bit High Speed Analog-to-Digital Converter
XRD8785AIP EXAR-XRD8785AIP Datasheet
1Mb / 15P
CMOS 8-Bit High Speed Analog-to-Digital Converter
XRD8799 EXAR-XRD8799 Datasheet
401Kb / 23P
LOW POWER, 2 MSPS, 10-BIT, A/D CONVERTER WITH 8-CHANNEL MUX
More results


Similar Description - XRD8775

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8703 PHILIPS-TDA8703 Datasheet
141Kb / 18P
8-bit high-speed analog-to-digital converter
1996 Aug 26
TDA8714 PHILIPS-TDA8714 Datasheet
154Kb / 24P
8-bit high-speed analog-to-digital converter
1997 Oct 29
TDA8716 PHILIPS-TDA8716 Datasheet
167Kb / 21P
8-bit high-speed analog-to-digital converter
1996 Aug 26
TDA8718 PHILIPS-TDA8718 Datasheet
110Kb / 16P
8-bit high-speed analog-to-digital converter
June 1994
TDF8704 PHILIPS-TDF8704 Datasheet
137Kb / 20P
8-bit high-speed analog-to-digital converter
June 1994
logo
Texas Instruments
TLC5540 TI-TLC5540 Datasheet
231Kb / 18P
8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTER
logo
Exar Corporation
MP7684A EXAR-MP7684A Datasheet
1Mb / 14P
CMOS 8 BIT HIGH SPEED ANALOG TO DIGITAL CONVERTER
MP7683 EXAR-MP7683 Datasheet
645Kb / 10P
CMOS 8 BIT HIGH SPEED ANALOG TO DIGITAL CONVERTER
XRD8785 EXAR-XRD8785 Datasheet
1Mb / 15P
CMOS 8-Bit High Speed Analog-to-Digital Converter
logo
NXP Semiconductors
TDA8715 PHILIPS-TDA8715 Datasheet
430Kb / 15P
8 - BIT HIGH SPEED ANALOG - TO - DIGITAL CONVERTER
November 1990
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com