Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AGN20003 Datasheet (PDF) - Nais(Matsushita Electric Works)

AGN20003 Datasheet PDF - Nais(Matsushita Electric Works)
Part # AGN20003
Download  AGN20003 Download
File Size   103.05 Kbytes
Page   4 Pages
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)
Description ULTRA-SMALL PACKAGE SLIM POLARIZED RELAY

AGN20003 Datasheet (PDF)

Go To PDF Page Download Datasheet
AGN20003 Datasheet PDF - Nais(Matsushita Electric Works)

Part # AGN20003
Download  AGN20003 Click to download

File Size   103.05 Kbytes
Page   4 Pages
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)
Description ULTRA-SMALL PACKAGE SLIM POLARIZED RELAY

AGN20003 Datasheet (HTML) - Nais(Matsushita Electric Works)


AGN20003 Product details

FEATURES
• Compact slim body saves space
Thanks to the small surface area of 5.7 mm × 10.6 mm .224 inch × .417 inch and low height of 9.0 mm .354 inch, the pack aging density can be increased to allow for much smaller designs.
• Outstanding surge resistance.
Surge withstand between open contacts: 1,500 V 10×160 µs (FCC part 68)
Surge withstand between contacts and coil: 2,500 V 2×10 µs (Bellcore)
• The use of twin crossbar contacts ensures high contact reliability.
AgPd contact is used because of its good sulfide resistance. Adopting low-gas molding material. Coil assembly molding technology which avoids generating vola tile gas from coil.
• Increased packaging density
Due to highly efficient magnetic circuit design, leakage flux is reduced and changes in electrical characteristics from components being mounted close-together are minimized. This all means a packaging
density higher than ever before.
• Nominal operating power: 140 mW
• Outstanding vibration and shock resistance.
Functional shock resistance: 750 m/s2 {75G}
Destructive shock resistance: 1,000 m/s2 {100G}
Functional vibration resistance: 10 to 55 Hz (at double amplitude of 3.3 mm .130 inch)
Destructive vibration resistance: 10 to 55 Hz (at double amplitude of 5 mm .197 inch)




Similar Part No. - AGN20003

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AGN20003 NAIS-AGN20003 Datasheet
105Kb / 4P
ULTRA-SMALL PACKAGE SLIM POLARIZED RELAY
logo
Panasonic Semiconductor
AGN20003 PANASONIC-AGN20003 Datasheet
117Kb / 5P
High Sensitivity, with 100mW nominal operating power, in a compact and space saving case
logo
Nais(Matsushita Electri...
AGN20003Z NAIS-AGN20003Z Datasheet
105Kb / 4P
ULTRA-SMALL PACKAGE SLIM POLARIZED RELAY
More results


Similar Description - AGN20003

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
TN2-12 NAIS-TN2-12 Datasheet
76Kb / 4P
SLIM POLARIZED RELAY
TN2-3V NAIS-TN2-3V Datasheet
78Kb / 4P
SLIM POLARIZED RELAY
logo
Picker Components
PC458 PICKER-PC458 Datasheet
187Kb / 2P
Ultra Slim Inline Relay
PC457 PICKER-PC457 Datasheet
208Kb / 2P
Ultra Slim Inline Relay
logo
Nais(Matsushita Electri...
AGN200A1HZ NAIS-AGN200A1HZ Datasheet
105Kb / 4P
ULTRA-SMALL PACKAGE SLIM POLARIZED RELAY
GQ-RELAYS NAIS-GQ-RELAYS Datasheet
115Kb / 4P
ULTRA-SMALL PACKAGE FLAT POLARIZED RELAY
logo
Picker Components
PC457 PICKER-PC457_14 Datasheet
161Kb / 2P
Ultra Slim Inline Relay
PC458 PICKER-PC458_14 Datasheet
183Kb / 2P
Ultra Slim Inline Relay
PC457 PICKER-PC457_17 Datasheet
790Kb / 2P
Ultra Slim Inline Relay
PC458 PICKER-PC458_17 Datasheet
183Kb / 2P
Ultra Slim Inline Relay
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com