Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7920BRM Datasheet (PDF) - Analog Devices

AD7920BRM Datasheet PDF - Analog Devices
Part # AD7920BRM
Download  AD7920BRM Download
File Size   1091.51 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70

AD7920BRM Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7920BRM Datasheet PDF - Analog Devices

Part # AD7920BRM
Download  AD7920BRM Click to download

File Size   1091.51 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70

AD7920BRM Datasheet (HTML) - Analog Devices


AD7920BRM Product details

GENERAL DESCRIPTION

The AD7910/AD79201 are, respectively, 10-bit and 12-bit, high speed, low power, successive approximation ADCs. The parts operate from a single 2.35 V to 5.25 V power supply and feature throughput rates up to 250 kSPS. The parts contain a low noise, wide bandwidth track-and-hold amplifier that can handle input frequencies in excess of 13 MHz.



FEATURES

  Throughput rate: 250 kSPS

  Specified for VDD of 2.35 V to 5.25 V

  Low power

    3.6 mW typ at 250 kSPS with 3 V supplies

    12.5 mW typ at 250 kSPS with 5 V supplies

  Wide input bandwidth

    71 dB SNR at 100 kHz input frequency

  Flexible power/serial clock speed management

  No pipeline delays

  High speed serial interface

    SPI®-/QSPI™-/MICROWIRE™-/DSP-compatible

  Standby mode: 1 μA max

  6-lead SC70 package

  8-lead MSOP package



APPLICATIONS

  Battery-powered systems

    Personal digital assistants

    Medical instruments

    Mobile communications

  Instrumentation and control systems

  Data acquisition systems

  High speed modems

  Optical sensors



 




Similar Part No. - AD7920BRM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7920BRM AD-AD7920BRM Datasheet
493Kb / 24P
250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
AD7920BRM-REEL AD-AD7920BRM-REEL Datasheet
493Kb / 24P
250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
AD7920BRM-REEL7 AD-AD7920BRM-REEL7 Datasheet
493Kb / 24P
250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
AD7920BRMZ AD-AD7920BRMZ Datasheet
493Kb / 24P
250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
AD7920BRMZ-REEL AD-AD7920BRMZ-REEL Datasheet
493Kb / 24P
250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
More results


Similar Description - AD7920BRM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7476A AD-AD7476A Datasheet
580Kb / 24P
2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
3/04-Data Sheet changed from REV. B to REV. C.
AD7276 AD-AD7276 Datasheet
501Kb / 28P
3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
REV. C
AD7476ABRMZ AD-AD7476ABRMZ Datasheet
438Kb / 28P
2.35 V to 5.25 V, 1 MSPS 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7920BRMZ AD-AD7920BRMZ Datasheet
493Kb / 24P
250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
AD7278 AD-AD7278_15 Datasheet
717Kb / 29P
3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
REV. C
AD7476A AD-AD7476A_15 Datasheet
689Kb / 29P
2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7477A AD-AD7477A_15 Datasheet
689Kb / 29P
2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7478A AD-AD7478A_15 Datasheet
689Kb / 29P
2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7910 AD-AD7910_15 Datasheet
493Kb / 24P
250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
AD7920 AD-AD7920_15 Datasheet
493Kb / 24P
250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com