Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9258 Datasheet (PDF) - Analog Devices

AD9258 Datasheet PDF - Analog Devices
Part # AD9258
Download  AD9258 Download
File Size   2152.13 Kbytes
Page   45 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Analog-to-Digital Converter (ADC)

AD9258 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9258 Datasheet PDF - Analog Devices

Part # AD9258
Download  AD9258 Click to download

File Size   2152.13 Kbytes
Page   45 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Analog-to-Digital Converter (ADC)

AD9258 Datasheet (HTML) - Analog Devices


AD9258 Product details

GENERAL DESCRIPTION
The AD9258 is a dual, 14-bit, 80 MSPS/105 MSPS/125 MSPS analog-to-digital converter (ADC). The AD9258 is designed to support communications applications where high performance, combined with low cost, small size, and versatility, is desired.

FEATURES
   SNR = 77.6 dBFS @ 70 MHz and 125 MSPS
   SFDR = 88 dBc @ 70 MHz and 125 MSPS
   Low power: 750 mW @ 125 MSPS
   1.8 V analog supply operation
   1.8 V CMOS or LVDS output supply
   Integer 1-to-8 input clock divider
   IF sampling frequencies to 300 MHz
   −152.8 dBm/Hz small signal input noise with 200 Ω input
      impedance @ 70 MHz and 125 MSPS
   Optional on-chip dither
   Programmable internal ADC voltage reference
   Integrated ADC sample-and-hold inputs
   Flexible analog input range: 1 V p-p to 2 V p-p
   Differential analog inputs with 650 MHz bandwidth
   ADC clock duty cycle stabilizer
   95 dB channel isolation/crosstalk
   Serial port control
   User-configurable, built-in self-test (BIST) capability
   Energy-saving power-down modes
  
APPLICATIONS
   Communications
   Diversity radio systems
   Multimode digital receivers (3G)
      GSM, EDGE, W-CDMA, LTE,
      CDMA2000, WiMAX, TD-SCDMA
   I/Q demodulation systems
   Smart antenna systems
   General-purpose software radios
   Broadband data applications
   Ultrasound equipment




Similar Part No. - AD9258

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9258 AD-AD9258 Datasheet
2Mb / 44P
14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9258 AD-AD9258 Datasheet
2Mb / 44P
14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9258 AD-AD9258 Datasheet
198Kb / 4P
High Performance, Dual Channel IF Sampling Receiver
REV. 0
AD9258-105EBZ1 AD-AD9258-105EBZ1 Datasheet
2Mb / 44P
14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9258-105EBZ1 AD-AD9258-105EBZ1 Datasheet
2Mb / 44P
14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
More results


Similar Description - AD9258

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
MSC1212Y2 BURR-BROWN-MSC1212Y2 Datasheet
1Mb / 69P
Precision Analog-to-Digital Converter (ADC)
logo
Texas Instruments
MSC1211 TI1-MSC1211_07 Datasheet
1Mb / 111P
Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs)
OCTOBER 2007
logo
Analog Devices
ADAU1978 AD-ADAU1978 Datasheet
2Mb / 44P
Quad Analog-to-Digital Converter (ADC)
REV. 0
ADAU1979 AD-ADAU1979 Datasheet
1Mb / 44P
Quad Analog-to-Digital Converter (ADC)
REV. 0
logo
Texas Instruments
OPA625 TI1-OPA625 Datasheet
2Mb / 46P
18-Bit Analog-to-Digital Converter (ADC) Drivers
OPA626 TI1-OPA626 Datasheet
2Mb / 39P
Analog-to-Digital Converter (ADC) Drivers
logo
Analog Devices
AD9652 AD-AD9652_17 Datasheet
1Mb / 37P
Analog-to-Digital Converter (ADC)
Rev. B
AD9642 AD-AD9642_17 Datasheet
1Mb / 29P
1.8 V Analog-to-Digital Converter (ADC)
23-Feb-2017
AD9268 AD-AD9268_17 Datasheet
2Mb / 45P
1.8 V Dual Analog-to-Digital Converter (ADC)
Rev. A
ADAU1978 AD-ADAU1978_14 Datasheet
1Mb / 44P
Quad Analog-to-Digital Converter (ADC)
1/14-Rev. 0 to Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com