Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2505 Datasheet (PDF) - Dallas Semiconductor

DS2505 Datasheet PDF - Dallas Semiconductor
Part # DS2505
Download  DS2505 Download
File Size   46.54 Kbytes
Page   3 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description UniqueWare Add-Only Memory

DS2505 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS2505 Datasheet PDF - Dallas Semiconductor

Part # DS2505
Download  DS2505 Click to download

File Size   46.54 Kbytes
Page   3 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description UniqueWare Add-Only Memory

DS2505 Datasheet (HTML) - Dallas Semiconductor


DS2505 Product details

SILICON LABEL DESCRIPTION

The DS2501–UNW and DS2502–UNW are factory programmed versions of the DS2502 1K–bit Add–Only Memory. They differ from the standard DS2502 in their custom ROM family code 91H (DS2501–UNW) and 89H (DS2502–UNW) respectively, and the UniqueWare Identifier 5E7 in place of the upper 12 bits of the standard serialization field. With the DS2501–UNW, the upper two memory pages are not accessible; they always read FFH and cannot be programmed.



SPECIAL FEATURES

• 512 bits (DS2501–UNW) or 1024 bits (DS2502–UNW) Electrically Programmable Read Only Memory (EPROM) communicates with the economy of one signal plus ground

• Unique, factory-lasered and tested 64–bit registration number (8–bit family code, 36–bit serialization, 12–bit UniqueWare Identifier 5E7H, 8–bit CRC–tester) assures absolute traceability because no two parts are alike. Family code 91H for the DS2501–UNW, 89H for the DS2502–UNW

• Built–in multidrop controller ensures compatibility with other MicroLANTM products

• EPROM partitioned into two (DS2501–UNW) or four (DS2502–UNW) 256–bit pages for randomly accessing packetized data records

• Each memory page can be permanently write–protected to prevent tampering

• Device is an “add only” memory where additional data can be programmed into EPROM without disturbing existing data

• Reduces control, address, data, power and program ming signals to a single pin

• Directly connects to a single port pin of a microproces sor and communicates at up to 16.3k bits per second

• Presence detector acknowledges when reader first applies voltage

• Low cost TO–92 or 8–pin SOIC and TSOC surface mount packages

• Reads over a wide voltage range of 2.8V to 6.0V from –40°C to +85°C; programs at 11.5V to 12.0V from –40°C to + 50°C



 




Similar Part No. - DS2505

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2505 DALLAS-DS2505 Datasheet
525Kb / 24P
16-kbit Add-Only Memory
logo
Maxim Integrated Produc...
DS2505 MAXIM-DS2505 Datasheet
603Kb / 24P
16Kb Add-Only Memory
071107
DS2505+ MAXIM-DS2505+ Datasheet
603Kb / 24P
16Kb Add-Only Memory
071107
DS2505+TR MAXIM-DS2505+TR Datasheet
603Kb / 24P
16Kb Add-Only Memory
071107
DS2505/TR MAXIM-DS2505/TR Datasheet
603Kb / 24P
16Kb Add-Only Memory
071107
More results


Similar Description - DS2505

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2502 DALLAS-DS2502 Datasheet
451Kb / 3P
1 kbit Add-Only Memory
DS2506 DALLAS-DS2506 Datasheet
558Kb / 25P
64-kbit Add-Only Memory
DS2505 DALLAS-DS2505 Datasheet
525Kb / 24P
16-kbit Add-Only Memory
DS2502 DALLAS-DS2502_07 Datasheet
737Kb / 22P
1 kbit Add-Only Memory
logo
Maxim Integrated Produc...
DS2505 MAXIM-DS2505 Datasheet
603Kb / 24P
16Kb Add-Only Memory
071107
DS2502 MAXIM-DS2502_11 Datasheet
1Mb / 24P
1Kb Add-Only Memory
Rev 12/11
logo
Dallas Semiconductor
DS2505 DALLAS-DS2505_07 Datasheet
800Kb / 24P
16-kbit Add-Only Memory
logo
Maxim Integrated Produc...
DS2506 MAXIM-DS2506 Datasheet
898Kb / 25P
64Kb Add-Only Memory
062100
logo
ON Semiconductor
N21C21A ONSEMI-N21C21A Datasheet
454Kb / 16P
1 Kb 1-Wire EPROM Add-Only Memory
June, 2020 ??Rev. 1
logo
Maxim Integrated Produc...
DS2502 MAXIM-DS2502_V01 Datasheet
693Kb / 24P
1Kb Add-Only Memory
2015
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com