Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

142RHS Datasheet (PDF) - Vishay Siliconix

142RHS Datasheet PDF - Vishay Siliconix
Part # 142RHS
Download  142RHS Download
File Size   135.22 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Aluminum Electrolytic Capacitors Radial High Temperature Standard

142RHS Datasheet (PDF)

Go To PDF Page Download Datasheet
142RHS Datasheet PDF - Vishay Siliconix

Part # 142RHS
Download  142RHS Click to download

File Size   135.22 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Aluminum Electrolytic Capacitors Radial High Temperature Standard

142RHS Datasheet (HTML) - Vishay Siliconix


142RHS Product details

• Useful life: 2500 h at 105 °C
• Miniaturized, high CV-product per unit volume
• Charge and discharge proof
• Polarized aluminum electrolytic capacitors, non-solid
electrolyte
• Radial leads, cylindrical aluminum case, insulated with a
blue sleeve
• Pressure relief for case Ø D ≥ 6.3 mm




Similar Part No. - 142RHS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
142RHS VISHAY-142RHS Datasheet
125Kb / 9P
Aluminum Capacitors Radial High Temperature Standard
23-Jul-12
142RHS VISHAY-142RHS Datasheet
130Kb / 9P
Aluminum Electrolytic Capacitors Radial High Temperature Standard
01-Jul-2022
142RHS VISHAY-142RHS_V01 Datasheet
130Kb / 9P
Aluminum Electrolytic Capacitors Radial High Temperature Standard
01-Jul-2022
More results


Similar Description - 142RHS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
142RHS VISHAY-142RHS Datasheet
125Kb / 9P
Aluminum Capacitors Radial High Temperature Standard
23-Jul-12
146-RTI VISHAY-146-RTI Datasheet
133Kb / 9P
Aluminum Electrolytic Capacitors Radial, High Temperature, Low Impedance
14-Feb-16
140RTM VISHAY-140RTM_16 Datasheet
114Kb / 7P
Aluminum Electrolytic Capacitors Radial, High Temperature Miniature
06-Oct-16
146RTI VISHAY-146RTI_17 Datasheet
133Kb / 9P
Aluminum Electrolytic Capacitors Radial, High Temperature, Low Impedance
14-Feb-17
038RSU VISHAY-038RSU_17 Datasheet
133Kb / 8P
Aluminum Electrolytic Capacitors Radial Standard Ultra Miniature
28-Feb-17
190RTL VISHAY-190RTL Datasheet
128Kb / 8P
Aluminum Electrolytic Capacitors Radial, High Temperature, Low Impedance
24-Apr-2020
140RTM VISHAY-140RTM_V01 Datasheet
111Kb / 7P
Aluminum Electrolytic Capacitors Radial, High Temperature Miniature
06-Oct-16
142RHS VISHAY-142RHS_V01 Datasheet
130Kb / 9P
Aluminum Electrolytic Capacitors Radial High Temperature Standard
01-Jul-2022
146RTI VISHAY-146RTI_V01 Datasheet
136Kb / 9P
Aluminum Electrolytic Capacitors Radial, High Temperature, Low Impedance
22-Mar-17
190RTL VISHAY-190RTL_V01 Datasheet
128Kb / 8P
Aluminum Electrolytic Capacitors Radial, High Temperature, Low Impedance
24-Apr-2020
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com