Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ERF216B1 Datasheet (PDF) - Microsemi Corporation

ERF216B1 Datasheet PDF - Microsemi Corporation
Part # ERF216B1
Download  ERF216B1 Download
File Size   39.66 Kbytes
Page   1 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 3 AMP ENCAPSULATED ASSEMBLIES ER SERIES

ERF216B1 Datasheet (PDF)

Go To PDF Page Download Datasheet
ERF216B1 Datasheet PDF - Microsemi Corporation

Part # ERF216B1
Download  ERF216B1 Click to download

File Size   39.66 Kbytes
Page   1 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 3 AMP ENCAPSULATED ASSEMBLIES ER SERIES

ERF216B1 Datasheet (HTML) - Microsemi Corporation


ERF216B1 Product details

Single Phase Bridge, 3 Phase Bridge




Similar Part No. - ERF216B1

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
ERF5 SAMTEC-ERF5 Datasheet
682Kb / 8P
0,50 mm (.0197?? Edge Rate??Rugged High Speed Socket / Terminal Strip
logo
EKL COMPONENTS
ERF7530 EKL-ERF7530 Datasheet
737Kb / 6P
RF Power MOSFET - 30MHz / 75 Watt PEP
Rev.2.0 MAR 2009
logo
Samtec, Inc
ERF8-010-05.0-S-DV-K-TR SAMTEC-ERF8-010-05.0-S-DV-K-TR Datasheet
402Kb / 1P
RUGGED HIGH-SPEED SOCKET
ERF8-020-01-L-D-EM2-TR SAMTEC-ERF8-020-01-L-D-EM2-TR Datasheet
868Kb / 1P
RUGGED EDGE RATE??STRIPS
ERF8-060-05.0-S-DV-K-TR SAMTEC-ERF8-060-05.0-S-DV-K-TR Datasheet
655Kb / 6P
0.8MM EDGE RATE SOCKET ASSEMBLY
More results


Similar Description - ERF216B1

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
ER1B1 MICROSEMI-ER1B1 Datasheet
39Kb / 1P
3 AMP ENCAPSULATED ASSEMBLIES
JANTX483-1 MICROSEMI-JANTX483-1 Datasheet
81Kb / 2P
RECTIFIERS ASSEMBLIES THREE PHASE BRIDGES, 25 AMP, MILITARY APPROVED
logo
International Rectifier
21PT IRF-21PT Datasheet
369Kb / 9P
20 AMP ENCAPSULATED RECTIFIER DIODES
logo
Microsemi Corporation
EFH16 MICROSEMI-EFH16 Datasheet
70Kb / 1P
HIGH VOLTAGE ENCAPSULATED ASSEMBLIES EF HALF WAVE SERIES
EFH3016 MICROSEMI-EFH3016 Datasheet
70Kb / 1P
HIGH VOLTAGE ENCAPSULATED ASSEMBLIES EF HALF WAVE SERIES
logo
New Jersey Semi-Conduct...
469-1 NJSEMI-469-1 Datasheet
241Kb / 2P
RECTIFIER ASSEMBLIES Single Phase Bridges, 10 Amp, Military Approved
483-1 NJSEMI-483-1 Datasheet
107Kb / 1P
RECTIFIER ASSEMBLIES Three Phase Bridges, 25 Amp, Military Approved
logo
Tyco Electronics
ER74100RJT MACOM-ER74100RJT Datasheet
202Kb / 3P
Type ER/ERV Series
logo
Crydom Inc.,
HS053-D53TP50D CRYDOM-HS053-D53TP50D Datasheet
561Kb / 4P
HS053 Series Assemblies
logo
TT Electronics.
HM31 TTELEC-HM31 Datasheet
1Mb / 1P
Encapsulated Encapsulated Encapsulated Current Sense Transformers
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com