Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

260CLA-V Datasheet (PDF) - Vishay Siliconix

260CLA-V Datasheet PDF - Vishay Siliconix
Part # 260CLA-V
Download  260CLA-V Download
File Size   141.95 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance High Vibration Capability

260CLA-V Datasheet (PDF)

Go To PDF Page Download Datasheet
260CLA-V Datasheet PDF - Vishay Siliconix

Part # 260CLA-V
Download  260CLA-V Click to download

File Size   141.95 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance High Vibration Capability

260CLA-V Datasheet (HTML) - Vishay Siliconix


260CLA-V Product details

• Useful life: up to 2000 h at 150 °C
• High reliability
• Low ESR
• Polarized aluminum electrolytic capacitors,
non-solid electrolyte, self healing
• SMD-version with base plate, lead (Pb)-free reflow
solderable
• Charge and discharge proof, no peak current limitation
• High temperature reflow soldering according to JEDEC®
J-STD-020
• High temperature proof
• Vibration proof, 6-pin version up to 30 g
• AEC-Q200 qualified




Similar Part No. - 260CLA-V

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
260C HAMMOND-260C Datasheet
124Kb / 2P
Plate & Filament - 22 VA to 248 VA 260 Series
2/6/2021
More results


Similar Description - 260CLA-V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
246CTI-V VISHAY-246CTI-V Datasheet
135Kb / 10P
Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance, High Vibration Capability
12-Apr-17
246RTI-V VISHAY-246RTI-V Datasheet
120Kb / 8P
Aluminum Electrolytic Capacitors Radial, High Temperature, Low Impedance, High Vibration Capability
14-Mar-17
250CRZ-V VISHAY-250CRZ-V Datasheet
137Kb / 10P
Aluminum Electrolytic Capacitors SMD (Chip), Very Low Z, High Vibration Capability
12-Apr-17
250RMI-V VISHAY-250RMI-V Datasheet
120Kb / 8P
Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance, High Vibration Capability
20-Mar-17
246CTI-V VISHAY-246CTI-V_V01 Datasheet
131Kb / 10P
Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance, High Vibration Capability
27-Apr-2022
246RTI-V VISHAY-246RTI-V_V01 Datasheet
120Kb / 8P
Aluminum Electrolytic Capacitors Radial, High Temperature, Low Impedance, High Vibration Capability
27-Apr-2022
250CRZ-V VISHAY-250CRZ-V_V01 Datasheet
132Kb / 10P
Aluminum Electrolytic Capacitors SMD (Chip), Very Low Z, High Vibration Capability
27-Apr-2022
250RMI-V VISHAY-250RMI-V_V01 Datasheet
117Kb / 8P
Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance, High Vibration Capability
27-Apr-2022
260RLA-V VISHAY-260RLA-V_V01 Datasheet
129Kb / 8P
Aluminum Electrolytic Capacitors Radial, Enhanced High Temperature, Low Impedance, High Vibration Capability
27-Apr-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com