Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

036RSP Datasheet (PDF) - Vishay Siliconix

036RSP Datasheet PDF - Vishay Siliconix
Part # 036RSP
Download  036RSP Download
File Size   116.85 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Aluminum Electrolytic Capacitors Radial Semi-Professional

036RSP Datasheet (PDF)

Go To PDF Page Download Datasheet
036RSP Datasheet PDF - Vishay Siliconix

Part # 036RSP
Download  036RSP Click to download

File Size   116.85 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Aluminum Electrolytic Capacitors Radial Semi-Professional

036RSP Datasheet (HTML) - Vishay Siliconix


036RSP Product details

• Useful life: 3000 h at +85 °C,750 h at +105 °C
• Reduced leakage current
• Miniaturized, high CV-product per unit volume
• Natural pitch 2.5 mm and 5 mm
• Polarized aluminum electrolytic capacitors, non-solid
electrolyte
• Radial leads, cylindrical aluminum case, all-insulated (light
blue)
• Charge and discharge proof




Similar Part No. - 036RSP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
036RSP VISHAY-036RSP Datasheet
215Kb / 5P
ALUMINUM CAPACITORS RADIAL SEMI-PROFESSIONAL
17-Jun-05
036RSP VISHAY-036RSP Datasheet
107Kb / 6P
Aluminum Capacitors Radial Semi-Professional
15-Oct-08
036RSP VISHAY-036RSP Datasheet
110Kb / 6P
Aluminum Capacitors Radial Semi-Professional
26-Apr-13
036RSP VISHAY-036RSP Datasheet
97Kb / 6P
Aluminum Electrolytic Capacitors Radial Semi-Professional
15-Jul-16
036RSP VISHAY-036RSP_08 Datasheet
107Kb / 6P
Aluminum Capacitors Radial Semi-Professional
15-Oct-08
More results


Similar Description - 036RSP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
047RMS ETC1-047RMS Datasheet
56Kb / 13P
Aluminum electrolytic capacitors Radial Miniature Semi-Professional
logo
Vishay Siliconix
036RSP VISHAY-036RSP Datasheet
215Kb / 5P
ALUMINUM CAPACITORS RADIAL SEMI-PROFESSIONAL
17-Jun-05
036RSP VISHAY-036RSP_08 Datasheet
107Kb / 6P
Aluminum Capacitors Radial Semi-Professional
15-Oct-08
036RSP VISHAY-036RSP_13 Datasheet
110Kb / 6P
Aluminum Capacitors Radial Semi-Professional
26-Apr-13
148RUS VISHAY-148RUS_13 Datasheet
121Kb / 8P
Aluminum Capacitors Radial, Ultra High CV per Volume, Semi-Professional
12-Apr-13
148RUS VISHAY-148RUS_17 Datasheet
132Kb / 9P
Aluminum Electrolytic Capacitors Radial, Ultra High CV per Volume, Semi-Professional
28-Feb-17
036RSP VISHAY-036RSP_V01 Datasheet
97Kb / 6P
Aluminum Electrolytic Capacitors Radial Semi-Professional
15-Jul-16
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com