Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

120ATC Datasheet (PDF) - Vishay Siliconix

120ATC Datasheet PDF - Vishay Siliconix
Part # 120ATC_17
Download  120ATC Download
File Size   214.56 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Aluminum Electrolytic Capacitors Axial High Temperature, High Ripple Current

120ATC Datasheet (PDF)

Go To PDF Page Download Datasheet
120ATC Datasheet PDF - Vishay Siliconix

Part # 120ATC_17
Download  120ATC Click to download

File Size   214.56 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Aluminum Electrolytic Capacitors Axial High Temperature, High Ripple Current

120ATC Datasheet (HTML) - Vishay Siliconix


120ATC Product details

• Extra long useful life: up to 8000 h at 125 °C
• Extended temperature range:
usable up to 150 °C
• Low ESR levels provide very high ripple current
capability
• Miniaturized, high CV-product per unit volume
• Polarized aluminum electrolytic capacitors,
non-solid electrolyte
• Axial leads, cylindrical aluminum case, insulated with a blue
sleeve
• Taped versions up to case Ø 15 mm x 30 mm available for
automatic insertion
• Lead diameter Ø d = 1.0 mm, available on request
• AEC-Q200 qualified




Similar Part No. - 120ATC_17

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
120ATC VISHAY-120ATC_12 Datasheet
204Kb / 7P
Aluminum Capacitors Axial High Temperature, High Ripple Current
13-Dec-12
More results


Similar Description - 120ATC_17

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SERIE118AHT ETC-SERIE118AHT Datasheet
1,008Kb / 19P
Aluminum electrolytic capacitors Axial High Temperature
logo
Vishay Siliconix
120ATC VISHAY-120ATC Datasheet
266Kb / 8P
Aluminum Capacitors Axial High Temperature, High Ripple Current
28-Oct-05
120ATC VISHAY-120ATC_08 Datasheet
112Kb / 8P
Aluminum Capacitors Axial High Temperature, High Ripple Current
21-Apr-08
120ATC VISHAY-120ATC_12 Datasheet
204Kb / 7P
Aluminum Capacitors Axial High Temperature, High Ripple Current
13-Dec-12
logo
Cornell Dubilier Electr...
AXLH CDE-AXLH Datasheet
90Kb / 5P
High Temperature Axial Leaded Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
118AHT VISHAY-118AHT_17 Datasheet
245Kb / 11P
Aluminum Electrolytic Capacitors Axial High Temperature
20-Apr-17
126ALX VISHAY-126ALX Datasheet
219Kb / 9P
Aluminum Electrolytic Capacitors Axial High Temperature, High Ripple Current
30-Jun-2020
118AHT VISHAY-118AHT_V01 Datasheet
223Kb / 11P
Aluminum Electrolytic Capacitors Axial High Temperature
20-Apr-17
120ATC VISHAY-120ATC_V01 Datasheet
196Kb / 7P
Aluminum Electrolytic Capacitors Axial High Temperature, High Ripple Current
04-Mar-2020
126ALX VISHAY-126ALX_V01 Datasheet
203Kb / 9P
Aluminum Electrolytic Capacitors Axial High Temperature, High Ripple Current
20-Jul-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com