Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

134RLP5 Datasheet (PDF) - Vishay Siliconix

134RLP5 Datasheet PDF - Vishay Siliconix
Part # 134RLP5_17
Download  134RLP5 Download
File Size   104.79 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Aluminum Electrolytic Capacitors Radial Low Profile, 5 mm

134RLP5 Datasheet (PDF)

Go To PDF Page Download Datasheet
134RLP5 Datasheet PDF - Vishay Siliconix

Part # 134RLP5_17
Download  134RLP5 Click to download

File Size   104.79 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Aluminum Electrolytic Capacitors Radial Low Profile, 5 mm

134RLP5 Datasheet (HTML) - Vishay Siliconix


134RLP5 Product details

• Useful life: 1500 h at 85 °C
• Very low profile, 5 mm height
• Extremely miniaturized
• Polarized aluminum electrolytic capacitors,
non-solid electrolyte
• Radial leads, cylindrical aluminum case, insulated with a
blue sleeve
• Charge and discharge proof




Similar Part No. - 134RLP5_17

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
134RLP5 VISHAY-134RLP5_13 Datasheet
98Kb / 5P
Aluminum Capacitors Radial Low Profile, 5 mm
12-Apr-13
More results


Similar Description - 134RLP5_17

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
104FXM050M ILLINOISCAPACITOR-104FXM050M Datasheet
122Kb / 4P
105째C Low Profile Radial Lead Aluminum Electrolytic Capacitors
105SAK050M ILLINOISCAPACITOR-105SAK050M Datasheet
115Kb / 3P
85째C Low Profile Radial Lead Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
097RLP7 VISHAY-097RLP7 Datasheet
98Kb / 6P
Aluminum Capacitors Radial Low Profile, 7 mm
12-Apr-13
134RLP5 VISHAY-134RLP5_13 Datasheet
98Kb / 5P
Aluminum Capacitors Radial Low Profile, 5 mm
12-Apr-13
logo
Illinois Capacitor, Inc...
104FXM050M ILLINOISCAPACITOR-104FXM050M_13 Datasheet
656Kb / 3P
105C Low Profile Radial Lead Aluminum Electrolytic Capacitors
105RSS050M ILLINOISCAPACITOR-105RSS050M_13 Datasheet
514Kb / 2P
85C Low Profile Radial Lead Aluminum Electrolytic Capacitors
105SAK050M ILLINOISCAPACITOR-105SAK050M_13 Datasheet
272Kb / 2P
85C Low Profile Radial Lead Aluminum Electrolytic Capacitors
104SVF050M ILLINOISCAPACITOR-104SVF050M_16 Datasheet
249Kb / 2P
5mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
097RLP7 VISHAY-097RLP7_17 Datasheet
103Kb / 5P
Aluminum Electrolytic Capacitors Radial Low Profile, 7 mm
14-Feb-17
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com