Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTE1850 Datasheet (PDF) - NTE Electronics

NTE1850 Datasheet PDF - NTE Electronics
Part # NTE1850
Download  NTE1850 Download
File Size   28.05 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Dual 12W/Channel Audio Power Amplifier

NTE1850 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE1850 Datasheet PDF - NTE Electronics

Part # NTE1850
Download  NTE1850 Click to download

File Size   28.05 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Dual 12W/Channel Audio Power Amplifier

NTE1850 Datasheet (HTML) - NTE Electronics


NTE1850 Product details

Description:

The NTE1850 is a dual Hi–Fi audio power amplifier in a 9–Lead SIP type package designed for mains–fed applications such as stereo TV sound and stereo radio. The circuit is optimal for symmetrical power supplies but is also well suited to asymmetrical power supply systems. An output power of 2 x 12W (THD = 0.5%) can be delivered into an 8Ω load with a symmetrical power supply of ±16V.

The gain is fixed internally at 30dB, but can be changed externally if required. Internal gain fixing gives low gain spread and very good balance between the amplifiers (0.2dB).

A special feature is an input mute circuit which provides suppression of unwanted signals at the inputs during switching on and off. This circuit disconnects the non–inverting inputs when the supply voltage is below ±6V, while allowing the amplifiers to remain in their DC operating condition.

Two thermal protection circuits are provided, one monitors the average junction temperature and the other the instantaneous temperature of the power transistors. Both protection circuits activate at +150°C, allow ing safe operation to a maximum junction temperature of +150°C without added distortion.



Features:

• Few External Components Required

• Input Muted During Power ON/OFF

• Low Offset Voltage Between Output and GND

• Excellent Gain Balance Between Channels

• Short–Circuit Protected

• Thermally Protected



Applications:

• Stereo

• TV Sound

• Radio



 




Similar Part No. - NTE1850

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE185 NTE-NTE185 Datasheet
22Kb / 2P
Silicon Complementary Transistors Audio Power Amp, Switch
NTE1851 NTE-NTE1851 Datasheet
32Kb / 4P
Integrated Circuit Audio Amplifier, 24W BTL
NTE1852 NTE-NTE1852 Datasheet
90Kb / 2P
Integrated Circuit 4W Audio Amplifier with DC Volume Control
NTE1853 NTE-NTE1853 Datasheet
40Kb / 6P
Integrated Circuit Digital Filter for Compact Disc Digital Audio System
NTE1854D NTE-NTE1854D Datasheet
27Kb / 3P
Integrated Circuit Dual Power Operational Amplifie
More results


Similar Description - NTE1850

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1368 NTE-NTE1368 Datasheet
22Kb / 2P
Integrated Circuit Dual Audio Power Amplifier, 5.8W/Channel
NTE1389 NTE-NTE1389 Datasheet
24Kb / 3P
Integrated Circuit Dual, Audio Power Amplifier, 20W
NTE1390 NTE-NTE1390 Datasheet
23Kb / 3P
Integrated Circuit Audio Power Amplifier, 12W for Car Radio or Car Stereo
NTE7061 NTE-NTE7061 Datasheet
23Kb / 2P
Integrated Circuit Dual 5.3W Audio Power Amplifier Circuit
NTE7146 NTE-NTE7146 Datasheet
26Kb / 2P
Integrated Circuit Dual (12W 12W) Stereo Amplifier w/Muting
NTE990 NTE-NTE990 Datasheet
24Kb / 3P
Integrated Circuit Dual Audio Power Amplifier
NTE7055 NTE-NTE7055 Datasheet
76Kb / 3P
Integrated Circuit Dual Audio Power Amplifier, 2W
NTE1626 NTE-NTE1626 Datasheet
79Kb / 2P
Integrated Circuit 4.2W Dual Audio Power Amplifier
NTE1373 NTE-NTE1373 Datasheet
84Kb / 3P
Integrated Circuit Dual Audio Power Amplifier Circuit, 7.5W
NTE1832 NTE-NTE1832 Datasheet
84Kb / 4P
Integrated Circuit BTL Audio Power Amplifier, 12W
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com