Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBT3251 Datasheet (PDF) - NXP Semiconductors

CBT3251 Datasheet PDF - NXP Semiconductors
Part # CBT3251
Download  CBT3251 Download
File Size   93.86 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description CBT3251 1-of-8 FET multiplexer/demultiplexer

CBT3251 Datasheet (PDF)

Go To PDF Page Download Datasheet
CBT3251 Datasheet PDF - NXP Semiconductors

Part # CBT3251
Download  CBT3251 Click to download

File Size   93.86 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description CBT3251 1-of-8 FET multiplexer/demultiplexer

CBT3251 Datasheet (HTML) - NXP Semiconductors


CBT3251 Product details

DESCRIPTION
The CBT3251 is a 1-of-8 high-speed TTL-compatible FET multiplexer/demultiplexer. The low on resistance of the switch allows inputs to be connected to outputs without adding propagation delay or generating additional ground bounce noise.

FEATURES
• 5 Ω switch connection between two ports
• TTL-compatible input levels
• Minimal propagation delay through the switch
• ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V MM per JESD22-A115 and 1000 V CDM per JESD22-C101
• Latch-up testing is done to JESDEC Standard JESD78 which exceeds 100 mA




Similar Part No. - CBT3251

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
CBT3251 NEXPERIA-CBT3251 Datasheet
227Kb / 11P
1-of-8 FET multiplexer/demultiplexer
Rev. 4 - 24 March 2021
CBT3251D NEXPERIA-CBT3251D Datasheet
227Kb / 11P
1-of-8 FET multiplexer/demultiplexer
Rev. 4 - 24 March 2021
CBT3251PW NEXPERIA-CBT3251PW Datasheet
227Kb / 11P
1-of-8 FET multiplexer/demultiplexer
Rev. 4 - 24 March 2021
More results


Similar Description - CBT3251

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT3251 TI-SN74CBT3251 Datasheet
365Kb / 12P
1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBTLV3251 TI-SN74CBTLV3251 Datasheet
380Kb / 12P
LOW-VOLTAGE 1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
logo
Toshiba Semiconductor
TC7MB3251FK TOSHIBA-TC7MB3251FK Datasheet
94Kb / 7P
1-of-8 FET Multiplexer/Demultiplexer
logo
Texas Instruments
SN74CBTLV3251 TI-SN74CBTLV3251_07 Datasheet
739Kb / 17P
LOW-VOLTAGE 1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
logo
Toshiba Semiconductor
TC7MB3251FK TOSHIBA-TC7MB3251FK_07 Datasheet
171Kb / 7P
1-of-8 FET Multiplexer/Demultiplexer
TC7MB3251FT TOSHIBA-TC7MB3251FT Datasheet
130Kb / 8P
1-of-8 FET Multiplexer/Demultiplexer
logo
Texas Instruments
74CBTLV3251PWRG4 TI-74CBTLV3251PWRG4 Datasheet
911Kb / 19P
LOW-VOLTAGE 1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74CBT3251 UTC-U74CBT3251 Datasheet
196Kb / 6P
1-OF-8 FET MULTIPLEXER / DEMULTIPLEXER
U74CBT3251 UTC-U74CBT3251_15 Datasheet
224Kb / 6P
1-OF-8 FET MULTIPLEXER DEMULTIPLEXER
logo
Nexperia B.V. All right...
CBT3251 NEXPERIA-CBT3251 Datasheet
227Kb / 11P
1-of-8 FET multiplexer/demultiplexer
Rev. 4 - 24 March 2021
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com