Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5025 Datasheet (PDF) - Maxim Integrated Products

MAX5025 Datasheet PDF - Maxim Integrated Products
Part # MAX5025
Download  MAX5025 Download
File Size   93.44 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description RELIABILITY REPORT FOR MAX5026EUT PLASTIC ENCAPSULATED DEVICES

MAX5025 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX5025 Datasheet PDF - Maxim Integrated Products

Part # MAX5025
Download  MAX5025 Click to download

File Size   93.44 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description RELIABILITY REPORT FOR MAX5026EUT PLASTIC ENCAPSULATED DEVICES

MAX5025 Datasheet (HTML) - Maxim Integrated Products


MAX5025 Product details

General Description

The MAX5025–MAX5028 constant-frequency, pulse width modulating (PWM), low-noise boost converters are intended for low-voltage systems that often need a locally generated high voltage. These devices are capable of generating low-noise, high output voltages required for varactor diode biasing in TV tuners, set-top boxes, and PCI cable modems. The MAX5025–MAX5028 operate from as low as 3V and switch at 500kHz.



Features

♦ Input Voltage Range:

    3V to 11V (MAX5026/MAX5028)

    4.5V to 11V (MAX5025/MAX5027)

♦ Wide Output Voltage Range: VCC to 36V

♦ Output Power: 120mW (max)

♦ User-Adjustable Output Voltage with MAX5025/MAX5026 Using External Feedback Resistors

♦ Fixed 30V Output Voltage: MAX5027/MAX5028

♦ Internal 1.3Ω (typ), 40V Switch

♦ Constant PWM Frequency Provides Easy Filtering
in Low-Noise Applications

♦ 500kHz (typ) Switching Frequency

♦ 1μA (max) Shutdown Current

♦ Small, 6-Pin SOT23 Package

Applications
    TV Tuner Power Supply
    Low-Noise Varactor Diode Biasing
    Set-Top Box Tuner Power Supply
    PCI Cable Modem
    Voice-Over-Cable
    LCD Power Supply
    Avalanche Photodiode Biasing




Similar Part No. - MAX5025

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5025 MAXIM-MAX5025 Datasheet
258Kb / 13P
500kHz, 36V Output, SOT23, PWM Step-Up DC-DC Converters
Rev 1; 12/01
MAX5025 MAXIM-MAX5025 Datasheet
346Kb / 13P
500kHz, 36V Output, SOT23, PWM Step-Up DC-DC Converters
Rev 2; 3/09
MAX5025 MAXIM-MAX5025 Datasheet
346Kb / 13P
500kHz, 36V Output, SOT23, PWM Step-Up DC-DC Converters
Rev 2; 3/09
MAX5025 MAXIM-MAX5025 Datasheet
146Kb / 4P
fully assembled and tested surface-mount circuit board
Rev 1; 9/03
MAX5025EUT-T MAXIM-MAX5025EUT-T Datasheet
258Kb / 13P
500kHz, 36V Output, SOT23, PWM Step-Up DC-DC Converters
Rev 1; 12/01
More results


Similar Description - MAX5025

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1546ETL MAXIM-MAX1546ETL Datasheet
123Kb / 8P
PLASTIC ENCAPSULATED DEVICES
Rev. A May 8, 2003
MAX6101EUR MAXIM-MAX6101EUR Datasheet
92Kb / 8P
PLASTIC ENCAPSULATED DEVICES
Rev. A February 14, 2003
MAX6900ETT MAXIM-MAX6900ETT Datasheet
47Kb / 8P
PLASTIC ENCAPSULATED DEVICES
Rev. A May 13, 2003
MAX4007EUT MAXIM-MAX4007EUT Datasheet
92Kb / 8P
PLASTIC ENCAPSULATED DEVICES
Rev. A April 28, 2003
MAX6713ZEXS MAXIM-MAX6713ZEXS Datasheet
58Kb / 8P
PLASTIC ENCAPSULATED DEVICES
Rev. A December 17, 2001
MAX9018AEKA MAXIM-MAX9018AEKA Datasheet
94Kb / 8P
PLASTIC ENCAPSULATED DEVICES
Rev. A September 22, 2003
LMX321AXK MAXIM-LMX321AXK Datasheet
91Kb / 5P
PLASTIC ENCAPSULATED DEVICES
Rev. A May 26, 2002
MAX2055EUP MAXIM-MAX2055EUP Datasheet
128Kb / 8P
RELIABILITY REPORT FOR MAX2055EUP PLASTIC ENCAPSULATED DEVICES
Rev. A April 2, 2004
MAX6605MXK MAXIM-MAX6605MXK Datasheet
90Kb / 8P
RELIABILITY REPORT FOR PLASTIC ENCAPSULATED DEVICES
Rev. A June 4, 2002
MAX1818EUAT MAXIM-MAX1818EUAT Datasheet
96Kb / 8P
PLASTIC ENCAPSULATED DEVICES
Rev. A November 12, 2002
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com