Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L173ED Datasheet (PDF) - List of Unclassifed Manufacturers

L173ED Datasheet PDF - List of Unclassifed Manufacturers
Part # L173ED
Download  L173ED Download
File Size   163.54 Kbytes
Page   5 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 2.5 X 5 MM RECTANGULAR SOLID LAMPS

L173ED Datasheet (PDF)

Go To PDF Page Download Datasheet
L173ED Datasheet PDF - List of Unclassifed Manufacturers

Part # L173ED
Download  L173ED Click to download

File Size   163.54 Kbytes
Page   5 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 2.5 X 5 MM RECTANGULAR SOLID LAMPS

L173ED Datasheet (HTML) - List of Unclassifed Manufacturers


L173ED Product details

[Kingbright]

Description
The Bright Red color devices are made with Gallium Aluminum Arsenide Red Light Emitting Diode.
The High Efficiency Red source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Orange Light Emitting Diode.
The Green source color devices are made with Gallium Phosphide Green Light Emitting Diode.
The Yellow source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Yellow Light Emitting Diode.

Features
● LOW POWER CONSUMPTION.
● I.C. COMPATIBLE.
● ROUNDED END RECTANGULAR SHAPE.
● LONG LIFE-SOLID STATE RELIABILITY.




Similar Part No. - L173ED

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
L173 IXYS-L173 Datasheet
161Kb / 2P
Three Phase AC Controller Modules
More results


Similar Description - L173ED

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HLMP-0300 FAIRCHILD-HLMP-0300 Datasheet
36Kb / 4P
2.5 X 7.4 mm RECTANGULAR SOLID STATE LAMPS
logo
Agilent(Hewlett-Packard...
HLMP-R100 HP-HLMP-R100 Datasheet
146Kb / 4P
2.5 mm x 7.6 mm Rectangular LED Lamps
logo
Kingbright Corporation
L-513 KINGBRIGHT-L-513 Datasheet
178Kb / 6P
2.5 X 5MM RECTANGULAR SOLID LAMPS
logo
List of Unclassifed Man...
L513HDT ETC-L513HDT Datasheet
178Kb / 6P
2.5 X 5MM RECTANGULAR SOLID LAMPS
L113HDT ETC-L113HDT Datasheet
179Kb / 6P
2 X 5 MM RECTANGULAR SOLID LAMPS
logo
Fairchild Semiconductor
MV52123 FAIRCHILD-MV52123 Datasheet
432Kb / 4P
SOLID STATE LED LAMP RECTANGULAR 2 X 5 mm LED LAMPS
logo
Agilent(Hewlett-Packard...
HLMP-S100 HP-HLMP-S100_1 Datasheet
132Kb / 9P
2 mm x 5 mm Rectangular LED Lamps
HLMP-R100 HP-HLMP-R100_05 Datasheet
174Kb / 9P
Agilent 2.5 mm x 7.6 mm Rectangular LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-S501-C0000 AVAGO-HLMP-S501-C0000 Datasheet
424Kb / 8P
2 mm x 5 mm Rectangular LED Lamps
logo
Broadcom Corporation.
HLMP-R100 BOARDCOM-HLMP-R100 Datasheet
223Kb / 8P
2.5 mm x 7.6 mm Rectangular LED Lamps
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com