Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL0189.19-RT Datasheet (PDF) - Advanced Semiconductor Business Inc.

APL0189.19-RT Datasheet PDF - Advanced Semiconductor Business Inc.
Part # APL0189.19-RT
Download  APL0189.19-RT Download
File Size   258.02 Kbytes
Page   2 Pages
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.
Description PLL Synthesizer Module

APL0189.19-RT Datasheet (PDF)

Go To PDF Page Download Datasheet
APL0189.19-RT Datasheet PDF - Advanced Semiconductor Business Inc.

Part # APL0189.19-RT
Download  APL0189.19-RT Click to download

File Size   258.02 Kbytes
Page   2 Pages
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.
Description PLL Synthesizer Module

APL0189.19-RT Datasheet (HTML) - Advanced Semiconductor Business Inc.


APL0189.19-RT Product details

Description
The plerowTM PLL synthesizer module was designed for use in wireless and wireline systems in a wide range of frequency from 50 MHz to 6 GHz. ASB’s PLL provides exceptionally low spurious and phase noise performance with fast locking time and low current consumption. All products are available in a surface-mount type package.

Features
• 7dBm Output Level at 189.19 MHz
• Channel Step Size:10 kHz
• 2nd Harmonic: <-20 -dBc
• Spurious Level: < -65dBc
• Lock Time : <10ms
• 35mA Current Consumption




Similar Part No. - APL0189.19-RT

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
APL0189.19-R ASB-APL0189.19-R Datasheet
200Kb / 2P
PLL Synthesizer Module
June 2010
More results


Similar Description - APL0189.19-RT

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
APL0135 ASB-APL0135_13 Datasheet
205Kb / 2P
PLL Synthesizer Module
June 2010
APL0165-R ASB-APL0165-R Datasheet
226Kb / 2P
PLL Synthesizer Module
June 2010
APL0385 ASB-APL0385_13 Datasheet
205Kb / 2P
PLL Synthesizer Module
June 2010
APL0734-R ASB-APL0734-R Datasheet
226Kb / 2P
PLL Synthesizer Module
June 2010
APL0840-R ASB-APL0840-R Datasheet
117Kb / 2P
PLL Synthesizer Module
June 2010
APL0855 ASB-APL0855_13 Datasheet
118Kb / 2P
PLL Synthesizer Module
June 2010
APL0952 ASB-APL0952_13 Datasheet
202Kb / 2P
PLL Synthesizer Module
June 2010
APL1006 ASB-APL1006_13 Datasheet
204Kb / 2P
PLL Synthesizer Module
June 2010
APL1015-T ASB-APL1015-T Datasheet
200Kb / 2P
PLL Synthesizer Module
June 2010
APL1288-R ASB-APL1288-R Datasheet
201Kb / 2P
PLL Synthesizer Module
June 2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com