Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDD255-20N1 Datasheet (PDF) - IXYS Corporation

MDD255-20N1 Datasheet PDF - IXYS Corporation
Part # MDD255-20N1
Download  MDD255-20N1 Download
File Size   62.56 Kbytes
Page   3 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description High Power Diode Modules

MDD255-20N1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MDD255-20N1 Datasheet PDF - IXYS Corporation

Part # MDD255-20N1
Download  MDD255-20N1 Click to download

File Size   62.56 Kbytes
Page   3 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description High Power Diode Modules

MDD255-20N1 Datasheet (HTML) - IXYS Corporation


MDD255-20N1 Product details

IFRMS = 2x 450 A
IFAVM = 2x 270 A
VRRM = 1200-2200 V

Features
● International standard package
● Direct copper bonded Al2O3 -ceramic
   with copper base plate
● Planar passivated chips
● Isolation voltage 3600 V~
● UL registered E 72873

Applications
● Supplies for DC power equipment
● DC supply for PWM inverter
● Field supply for DC motors
● Battery DC power supplies

Advantages
● Simple mounting
● Improved temperature and power cycling
● Reduced protection circuits




Similar Part No. - MDD255-20N1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MDD255-20N1 IXYS-MDD255-20N1 Datasheet
326Kb / 6P
High Voltage Standard Rectifier Module
More results


Similar Description - MDD255-20N1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
L016 IXYS-L016 Datasheet
56Kb / 3P
High Power Diode Modules
logo
International Rectifier
B40J IRF-B40J Datasheet
340Kb / 6P
POWER MODULES DIODE
logo
IXYS Corporation
MDD172 IXYS-MDD172 Datasheet
129Kb / 3P
High Power Diode Modules
MDD142 IXYS-MDD142 Datasheet
131Kb / 3P
HIgh Power Diode Modules
MDD310 IXYS-MDD310 Datasheet
115Kb / 3P
High Power Diode Modules
MDD220 IXYS-MDD220 Datasheet
110Kb / 3P
High Power Diode Modules
MDD250 IXYS-MDD250 Datasheet
116Kb / 3P
High Power Diode Modules
MDD312 IXYS-MDD312 Datasheet
260Kb / 4P
High Power Diode Modules
logo
Nell Semiconductor Co.,...
NKT160A NELLSEMI-NKT160A Datasheet
694Kb / 4P
Thyristor/Diode Power Modules
NKT250 NELLSEMI-NKT250_18 Datasheet
676Kb / 4P
Thyristor/Diode Power Modules
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com