Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP73844-420I/UN Datasheet (PDF) - Microchip Technology

MCP73844-420I/UN Datasheet PDF - Microchip Technology
Part # MCP73844-420I/UN
Download  MCP73844-420I/UN Download
File Size   414.93 Kbytes
Page   24 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Advanced Single or Dual Cell Lithium-Ion/ Lithium-Polymer Charge Management Controllers

MCP73844-420I/UN Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP73844-420I/UN Datasheet PDF - Microchip Technology

Part # MCP73844-420I/UN
Download  MCP73844-420I/UN Click to download

File Size   414.93 Kbytes
Page   24 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Advanced Single or Dual Cell Lithium-Ion/ Lithium-Polymer Charge Management Controllers

MCP73844-420I/UN Datasheet (HTML) - Microchip Technology


MCP73844-420I/UN Product details

Description

The MCP7384X family of devices are highly advanced linear charge management controllers for use in space-limited, cost-sensitive applications. The MCP73841 and MCP73842 combine high accuracy, constant-voltage, constant-current regulation, cell preconditioning, cell temperature monitoring, advanced safety timers, automatic charge termination and charge status indication in space-saving, 10-pin MSOP packages. The MCP73841 and MCP73842 provide complete, fully-functional, stand-alone charge management solutions.



Features

• Linear Charge Management Controllers

• High-Accuracy Preset Voltage Regulation:

    -+0.5% (max)

• Four Preset Voltage Regulation Options:

  - 4.1V - MCP73841-4.1, MCP73843-4.1

  - 4.2V - MCP73841-4.2, MCP73843-4.2

  - 8.2V - MCP73842-8.2, MCP73844-8.2

  - 8.4V - MCP73842-8.4, MCP73844-8.4

• Programmable Charge Current

• Programmable Safety Charge Timers

• Preconditioning of Deeply Depleted Cells

• Automatic End-of-Charge Control

• Optional Continuous Cell Temperature Monitoring (MCP73841 and MCP73842)

• Charge Status Output for Direct LED Drive

• Automatic Power-Down when Input Power Removed

• Temperature Range: -40°C to 85°C

• Packaging: MSOP-10 - MCP73841, MCP73842

                 MSOP-8 - MCP73843, MCP73844



Applications

• Lithium-Ion/Lithium-Polymer Battery Chargers

• Personal Data Assistants

• Cellular Telephones

• Hand-Held Instruments

• Cradle Chargers

• Digital Cameras

• MP3 Players




Similar Part No. - MCP73844-420I/UN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP73844 MICROCHIP-MCP73844 Datasheet
416Kb / 26P
Advanced Single or Dual Cell Lithium-Ion/ Lithium-Polymer Charge Management Controllers
1/29/12 2003-2013
MCP73844840IMS MICROCHIP-MCP73844840IMS Datasheet
2Mb / 44P
Analog & Interface Product Selector Guide
11/29/11
More results


Similar Description - MCP73844-420I/UN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP73826 MICROCHIP-MCP73826 Datasheet
422Kb / 24P
Single Cell Lithium-Ion Charge Management Controller
2002-2013
MCP73861 MICROCHIP-MCP73861_05 Datasheet
462Kb / 28P
Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2005
MCP73861 MICROCHIP-MCP73861_08 Datasheet
624Kb / 34P
Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2008
logo
Unisonic Technologies
UB2012 UTC-UB2012_12 Datasheet
263Kb / 17P
ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE AND TWO-CELL LITHIUM-ION AND LITHIUM-POLYMER
logo
Microchip Technology
MCP73841 MICROCHIP-MCP73841_13 Datasheet
416Kb / 26P
Advanced Single or Dual Cell Lithium-Ion/ Lithium-Polymer Charge Management Controllers
1/29/12 2003-2013
MCP73861 MICROCHIP-MCP73861_13 Datasheet
872Kb / 34P
Advanced Single or Dual Cell, Fully Integrated Li-Ion/Li-Polymer Charge Management Controllers
11/29/12 2004-2013
MCP73826 MICROCHIP-MCP73826_13 Datasheet
410Kb / 24P
Single Cell Lithium-Ion Charge Management Controller
11/29/12
logo
Texas Instruments
BQ2057CTSTRG4 TI-BQ2057CTSTRG4 Datasheet
1Mb / 30P
ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE-AND TWO-CELL LITHIUM-ION AND LITHIUM-POLYMER
logo
Microchip Technology
MCP73826-42VCHTR MICROCHIP-MCP73826-42VCHTR Datasheet
425Kb / 24P
Single Cell Lithium-Ion Charge Management Controller
01/18/02
logo
Shenzhen Huazhimei Semi...
HM4088 HMSEMI-HM4088 Datasheet
489Kb / 12P
Switched single-cell, two-cell lithium-ion/lithium polymer charge management chip
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com