Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCY2130F36 Datasheet (PDF) - World Produts Inc.

PCY2130F36 Datasheet PDF - World Produts Inc.
Part # PCY2130F36
Download  PCY2130F36 Download
File Size   408.43 Kbytes
Page   25 Pages
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.
Description 10 to 27.5mm lead pitch

PCY2130F36 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCY2130F36 Datasheet PDF - World Produts Inc.

Part # PCY2130F36
Download  PCY2130F36 Click to download

File Size   408.43 Kbytes
Page   25 Pages
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.
Description 10 to 27.5mm lead pitch

PCY2130F36 Datasheet (HTML) - World Produts Inc.




Similar Part No. - PCY2130F36

ManufacturerPart #DatasheetDescription
logo
Alpha Electronics Corp.
PCY25D10 ALPHAELECTRONICS-PCY25D10 Datasheet
256Kb / 2P
Ultra Precision Power Resistor (10 Watts)
Revision: 25-Apr-2016
PCY25D2 ALPHAELECTRONICS-PCY25D2 Datasheet
256Kb / 2P
Ultra Precision Power Resistor (10 Watts)
Revision: 25-Apr-2016
PCY25F10 ALPHAELECTRONICS-PCY25F10 Datasheet
256Kb / 2P
Ultra Precision Power Resistor (10 Watts)
Revision: 25-Apr-2016
PCY25F2 ALPHAELECTRONICS-PCY25F2 Datasheet
256Kb / 2P
Ultra Precision Power Resistor (10 Watts)
Revision: 25-Apr-2016
PCY25G10 ALPHAELECTRONICS-PCY25G10 Datasheet
256Kb / 2P
Ultra Precision Power Resistor (10 Watts)
Revision: 25-Apr-2016
More results


Similar Description - PCY2130F36

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C4AQLBU5100A1XK KEMET-C4AQLBU5100A1XK Datasheet
57Kb / 1P
C4AQ, Film, Metallized Polypropylene, Automotive DC Link, 10 uF, 10%, 500 V, 70C, Lead Spacing = 27.5mm
R60IR51005040K KEMET-R60IR51005040K Datasheet
54Kb / 1P
Film, Metallized Polyester, Commercial Grade, R60, 10 uF, 10%, 250 V, 85C, Lead Spacing = 27.5mm
R60ER5100AA40K KEMET-R60ER5100AA40K Datasheet
53Kb / 1P
Film, Metallized Polyester, Commercial Grade, R60, 10 uF, 10%, 100 V, 85C, Lead Spacing = 27.5mm
R60MR51005040K KEMET-R60MR51005040K Datasheet
54Kb / 1P
Film, Metallized Polyester, Commercial Grade, R60, 10 uF, 10%, 400 V, 85C, Lead Spacing = 27.5mm
C4AF3BU4220A12K KEMET-C4AF3BU4220A12K Datasheet
57Kb / 1P
C4AF, Film, Metallized Polypropylene, Power, 2.2 uF, 10%, 800 V, 85C, Lead Spacing = 27.5mm
C4AF9BU4150A1XK KEMET-C4AF9BU4150A1XK Datasheet
57Kb / 1P
C4AF, Film, Metallized Polypropylene, Power, 1.5 uF, 10%, 630 V, 85C, Lead Spacing = 27.5mm
C4AF1BU4470A11K KEMET-C4AF1BU4470A11K Datasheet
57Kb / 1P
C4AF, Film, Metallized Polypropylene, Power, 4.7 uF, 10%, 500 V, 85C, Lead Spacing = 27.5mm
C4AF1BU4680A12K KEMET-C4AF1BU4680A12K Datasheet
58Kb / 1P
C4AF, Film, Metallized Polypropylene, Power, 6.8 uF, 10%, 500 V, 85C, Lead Spacing = 27.5mm
R71VR510050H6K KEMET-R71VR510050H6K Datasheet
50Kb / 1P
R71H, Film, Metallized Polypropylene, Automotive Grade, 10 uF, 10%, 520 VDC, 85째C, Lead Spacing = 27.5mm
R71XR510050H0K KEMET-R71XR510050H0K Datasheet
51Kb / 1P
R71H, Film, Metallized Polypropylene, Automotive Grade, 10 uF, 10%, 450 VDC, 85째C, Lead Spacing = 27.5mm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com