Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD24VS2UT Datasheet (PDF) - NXP Semiconductors

PESD24VS2UT Datasheet PDF - NXP Semiconductors
Part # PESD24VS2UT
Download  PESD24VS2UT Download
File Size   123.33 Kbytes
Page   13 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Double ESD protection diodes in SOT23 package

PESD24VS2UT Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD24VS2UT Datasheet PDF - NXP Semiconductors

Part # PESD24VS2UT
Download  PESD24VS2UT Click to download

File Size   123.33 Kbytes
Page   13 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Double ESD protection diodes in SOT23 package

PESD24VS2UT Datasheet (HTML) - NXP Semiconductors


PESD24VS2UT Product details

DESCRIPTION
Uni-directional double ESD protection diodes in a SOT23 plastic package. Designed to protect up to two transmission or data lines from ElectroStatic Discharge (ESD) damage.

FEATURES
• Uni-directional ESD protection of up to two lines
• Max. peak pulse power: Ppp = 330 W at tp = 8/20 µs
• Low clamping voltage: V(CL)R = 20 V at Ipp = 18 A
• Ultra-low reverse leakage current: IRM < 700 nA
• ESD protection > 23 kV
• IEC 61000-4-2; level 4 (ESD)
• IEC 61000-4-5 (surge); Ipp = 18 A at tp = 8/20 µs.

APPLICATIONS
• Computers and peripherals
• Communication systems
• Audio and video equipment
• High speed data lines
• Parallel ports.




Similar Part No. - PESD24VS2UT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD24VS2UT PHILIPS-PESD24VS2UT Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
PESD24VS2UT NXP-PESD24VS2UT Datasheet
235Kb / 13P
Double ESD protection diodes in SOT23 package
2004 Apr 15
PESD24VS2UT PHILIPS-PESD24VS2UT Datasheet
235Kb / 13P
Double ESD protection diodes in SOT23 package
2004 Apr 15
logo
Nexperia B.V. All right...
PESD24VS2UT NEXPERIA-PESD24VS2UT Datasheet
250Kb / 14P
Double ESD protection diodes in SOT23 package
2004 Apr 15
logo
Guangdong Youtai Semico...
PESD24VS2UT UMW-PESD24VS2UT Datasheet
555Kb / 4P
300 W peak pulse power (tp = 8/20μs)
More results


Similar Description - PESD24VS2UT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESDXS2UAT PHILIPS-PESDXS2UAT Datasheet
122Kb / 13P
Double ESD protection diodes in SOT23 package
2004 Feb 18
PESDXS2UAT NXP-PESDXS2UAT Datasheet
237Kb / 13P
Double ESD protection diodes in SOT23 package
2004 Feb 18
PESDXS2UT NXP-PESDXS2UT Datasheet
235Kb / 13P
Double ESD protection diodes in SOT23 package
2004 Apr 15
PESD3V3S2UT-215 PHILIPS-PESD3V3S2UT-215 Datasheet
235Kb / 13P
Double ESD protection diodes in SOT23 package
2004 Apr 15
PESDXS2UT PHILIPS-PESDXS2UT Datasheet
235Kb / 13P
Double ESD protection diodes in SOT23 package
2004 Apr 15
logo
Nexperia B.V. All right...
PESDXS2UT_SER NEXPERIA-PESDXS2UT_SER Datasheet
250Kb / 14P
Double ESD protection diodes in SOT23 package
2004 Apr 15
PESD5V0S2UAT-Q NEXPERIA-PESD5V0S2UAT-Q Datasheet
208Kb / 11P
Double ESD protection diode in SOT23 package
3 May 2022
PESD3V3S2UAT NEXPERIA-PESD3V3S2UAT Datasheet
243Kb / 12P
Double ESD protection diode in SOT23 package
27 June 2023
PESD5V0S2UAT NEXPERIA-PESD5V0S2UAT Datasheet
205Kb / 11P
Double ESD protection diode in SOT23 package
1 April 2023
PESDXS2UAT_SER NEXPERIA-PESDXS2UAT_SER Datasheet
241Kb / 14P
Double ESD protection diodes in SOT23 package
2004 Feb 18
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com