Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4020 Datasheet (PDF) - Panasonic Semiconductor

MA4020 Datasheet PDF - Panasonic Semiconductor
Part # MA4020
Download  MA4020 Download
File Size   107.05 Kbytes
Page   7 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Silicon planar type

MA4020 Datasheet (PDF)

Go To PDF Page Download Datasheet
MA4020 Datasheet PDF - Panasonic Semiconductor

Part # MA4020
Download  MA4020 Click to download

File Size   107.05 Kbytes
Page   7 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Silicon planar type

MA4020 Datasheet (HTML) - Panasonic Semiconductor


MA4020 Product details

Silicon planar type

For stabilization of power supply

■ Features
• High reliability, achieved by the DHD structure
• Allowing to insert to a 5 mm pitch hole
• Finely divided zener-voltage rank
• Sharp rising performance
• Wide voltage range: VZ = 2.0 V to 39 V




Similar Part No. - MA4020

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA40201 MACOM-MA40201 Datasheet
382Kb / 5P
Schottky Detector Diodes
logo
M/A-COM Technology Solu...
MA40201 MA-COM-MA40201 Datasheet
117Kb / 5P
Schottky Detector Diodes
logo
Tyco Electronics
MA40202 MACOM-MA40202 Datasheet
382Kb / 5P
Schottky Detector Diodes
logo
M/A-COM Technology Solu...
MA40202 MA-COM-MA40202 Datasheet
117Kb / 5P
Schottky Detector Diodes
logo
Tyco Electronics
MA40205 MACOM-MA40205 Datasheet
382Kb / 5P
Schottky Detector Diodes
More results


Similar Description - MA4020

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA3D690 PANASONIC-MA3D690 Datasheet
45Kb / 2P
Silicon planar type
MA4X348 PANASONIC-MA4X348 Datasheet
41Kb / 2P
Silicon planar type
MAZ1000 PANASONIC-MAZ1000 Datasheet
77Kb / 6P
Silicon planar type
MAZ4000N PANASONIC-MAZ4000N Datasheet
72Kb / 5P
Silicon planar type
MAZ5000 PANASONIC-MAZ5000 Datasheet
56Kb / 3P
Silicon planar type
MAZ8000 PANASONIC-MAZ8000 Datasheet
69Kb / 5P
Silicon planar type
MAZU000 PANASONIC-MAZU000 Datasheet
41Kb / 2P
Silicon planar type
MAZX000 PANASONIC-MAZX000 Datasheet
41Kb / 2P
Silicon planar type
PNA1605F PANASONIC-PNA1605F Datasheet
83Kb / 3P
Silicon planar type
PNZ323 PANASONIC-PNZ323 Datasheet
82Kb / 3P
Silicon planar type
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com