Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RX-5 Datasheet (PDF) - List of Unclassifed Manufacturers

RX-5 Datasheet PDF - List of Unclassifed Manufacturers
Part # RX-5
Download  RX-5 Download
File Size   145.39 Kbytes
Page   10 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description REMOTE CONTROLLER WITH SEVEN FUNCTIONS

RX-5 Datasheet (PDF)

Go To PDF Page Download Datasheet
RX-5 Datasheet PDF - List of Unclassifed Manufacturers

Part # RX-5
Download  RX-5 Click to download

File Size   145.39 Kbytes
Page   10 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description REMOTE CONTROLLER WITH SEVEN FUNCTIONS

RX-5 Datasheet (HTML) - List of Unclassifed Manufacturers


RX-5 Product details

[Silan Semiconductors]

DESCRIPTION
The TX-5B/RX-5B are a pair of CMOS LSIs designed for remote controlled car applications. They have nine control keys controlling the motions (i.e. forward, backward, rightward, leftward, trigger 1-- trigger 4 functions and the turbo function) of the remote controlled car.
The TX-5B is housed in DIP-16 package, and the RX-5B is housed in DIP-22 package.

FEATURES
* Wide operating voltage range
   TX-5B: (VDD=2.2~12.0V)
   RX-5B: (VDD=3.0~12.0V)
* Very Low stand-by current for TX-5B
* Auto-power-off function for TX-5B
* Few external components are needed
* Built-in 3.6V zener for RX-5B
* 9 functions remote controller controlling: forward,backward, right, left, turbo, trigger 1-- trigger 4 functions




Similar Part No. - RX-5

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
RX-550M-SFP-C ATGBICS-RX-550M-SFP-C Datasheet
293Kb / 8P
RX-550M-SFP Juniper Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
logo
Silan Microelectronics ...
RX-5B SILAN-RX-5B Datasheet
243Kb / 9P
TOY CAR REMOTE CONTROLLER WITH NINE FUNCTIONS
More results


Similar Description - RX-5

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
TX-2B SILAN-TX-2B Datasheet
133Kb / 10P
REMOTE CONTROLLER WITH FIVE FUNCTIONS
RX-3 SILAN-RX-3 Datasheet
67Kb / 4P
REMOTE CONTROLLER WITH TWO FUNCTIONS
logo
Unisonic Technologies
RCT6 UTC-RCT6 Datasheet
251Kb / 8P
REMOTE CONTROLLER WITH SEVEN FUNCTIONS
logo
Silan Microelectronics ...
TX-6B SILAN-TX-6B Datasheet
282Kb / 11P
TOY CAR REMOTE CONTROLLER WITH SEVEN FUNCTIONS
logo
Unisonic Technologies
RCR6C UTC-RCR6C Datasheet
220Kb / 8P
REMOTE CONTROLLER WITH SEVEN FUNCTIONS
RCR6C UTC-RCR6C_15 Datasheet
253Kb / 8P
REMOTE CONTROLLER WITH SEVEN FUNCTIONS
RCT6 UTC-RCT6_15 Datasheet
224Kb / 8P
REMOTE CONTROLLER WITH SEVEN FUNCTIONS
RCR5 UTC-RCR5 Datasheet
326Kb / 8P
REMOTE CONTROLLER WITH SEVEN FUNCTIONS
logo
SHENZHEN FUMAN ELECTRON...
SCTX5A FUMAN-SCTX5A Datasheet
224Kb / 7P
REMOTE CONTROLLER WITH NINE FUNCTIONS
SCTX6A FUMAN-SCTX6A Datasheet
246Kb / 7P
REMOTE CONTROLLER WITH SECEN FUNCTIONS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com