Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC16BSM Datasheet (PDF) - Teccor Electronics

AC16BSM Datasheet PDF - Teccor Electronics
Part # AC16BSM
Download  AC16BSM Download
File Size   2697.54 Kbytes
Page   223 Pages
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics
Description Thyristor Product Catalog

AC16BSM Datasheet (PDF)

Go To PDF Page Download Datasheet
AC16BSM Datasheet PDF - Teccor Electronics

Part # AC16BSM
Download  AC16BSM Click to download

File Size   2697.54 Kbytes
Page   223 Pages
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics
Description Thyristor Product Catalog

AC16BSM Datasheet (HTML) - Teccor Electronics


AC16BSM Product details

General Description
These gated triacs from Teccor Electronics are part of a broad line of bidirectional semiconductors. The devices range in current ratings from 0.8 A to 35 A and in voltages from 200 V to 1000 V.
   
Features
• Electrically-isolated packages
• Glass-passivated junctions
• Voltage capability — up to 1000 V
• Surge capability — up to 200 A
   
Compak Package
• Surface mount package — 0.8 A and 1 A series
• New small profile three-leaded Compak package
• Packaged in embossed carrier tape with 2,500
    devices per reel
• Can replace SOT-223
   




Similar Part No. - AC16BSM

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
AC16 COOPER-AC16 Datasheet
4Mb / 55P
Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
List of Unclassifed Man...
AC1602A ETC1-AC1602A Datasheet
85Kb / 1P
AC1602A (16 CHARACTERS x2 LINES)
logo
ZETTLER Electronics
AC161A ZETTLER-AC161A Datasheet
384Kb / 19P
SPECIFICATIONS FOR LCD MODULE
AC161B ZETTLER-AC161B Datasheet
374Kb / 18P
SPECIFICATIONS FOR LCD MODULE
logo
Texas Instruments
AC161M TI-AC161M Datasheet
383Kb / 15P
4-BIT SYNCHRONOUS BINARY COUNTERS
More results


Similar Description - AC16BSM

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
K0900E70 TECCOR-K0900E70 Datasheet
2Mb / 224P
Thyristor Product Catalog
logo
Honeywell Solid State E...
SS400 HONEYWELL-SS400 Datasheet
245Kb / 3P
Interactive Catalog Replaces Catalog Pages
logo
Microsemi Corporation
A3P060-VQG100 MICROSEMI-A3P060-VQG100 Datasheet
1Mb / 27P
Terrestrial FPGA and SoC Product Catalog
A3P125-VQG100 MICROSEMI-A3P125-VQG100 Datasheet
1Mb / 27P
Terrestrial FPGA and SoC Product Catalog
A3P060-QNG132 MICROSEMI-A3P060-QNG132 Datasheet
1Mb / 27P
Terrestrial FPGA and SoC Product Catalog
logo
Cooper Bussmann, Inc.
ABC-5 COOPER-ABC-5 Datasheet
2Mb / 5P
Consumer Aftermarket Product Catalog
logo
Microsemi Corporation
A3P030-QNG48 MICROSEMI-A3P030-QNG48 Datasheet
1Mb / 27P
Terrestrial FPGA and SoC Product Catalog
A3P250-FGG256 MICROSEMI-A3P250-FGG256 Datasheet
1Mb / 27P
Terrestrial FPGA and SoC Product Catalog
logo
FCI connector
RC16M23K FCI-CONNECTOR-RC16M23K Datasheet
232Kb / 2P
interactive product catalog
logo
Microsemi Corporation
A3P400-PQG208 MICROSEMI-A3P400-PQG208 Datasheet
1Mb / 27P
FPGA and SoC Product Catalog
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com