Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM561 Datasheet (PDF) - Cypress Semiconductor

SM561 Datasheet PDF - Cypress Semiconductor
Part # SM561
Download  SM561 Download
File Size   126.14 Kbytes
Page   8 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description Spread Spectrum Clock Generator

SM561 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM561 Datasheet PDF - Cypress Semiconductor

Part # SM561
Download  SM561 Click to download

File Size   126.14 Kbytes
Page   8 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description Spread Spectrum Clock Generator

SM561 Datasheet (HTML) - Cypress Semiconductor


SM561 Product details

General Description
The Cypress SM561 is a Spread Spectrum Clock Generator (SSCG) IC used for the purpose of reducing EMI found in today’s high-speed digital electronic systems.

Features
• 54- to 166-MHz operating frequency range
• Wide (9) range of spread selections
• Accepts clock and crystal inputs
• Low power dissipation
• 3.3V = 165 mw. (Fin = 120 MHz)
• Frequency spread disable function
• Center spread modulation
• Low cycle-to-cycle jitter
• Eight-pin SOIC package

Applications
• High-resolution VGA controllers
• LCD panels and monitors
• Workstations and servers

Benefits
• Peak electromagnetic interference (EMI) reduction by 8 to 16 dB
• Fast time to market
• Cost reduction




Similar Part No. - SM561

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SM561-1 BOURNS-SM561-1 Datasheet
183Kb / 1P
ADSL Line Transformers
logo
Datatronic Distribution...
SM561-1 DATATRONICS-SM561-1 Datasheet
102Kb / 1P
ADSL Line Transformers
logo
Bourns Electronic Solut...
SM561-1E BOURNS-SM561-1E Datasheet
183Kb / 1P
ADSL Line Transformers
logo
Nippon Precision Circui...
SM5610 NPC-SM5610 Datasheet
150Kb / 6P
IC for Quartz Crystal Oscillating Module
logo
List of Unclassifed Man...
SM5611 ETC2-SM5611 Datasheet
337Kb / 2P
OEM PRESSURE TRANSDUCER FULLY TEMPERATURE COMPENSATED AND CALIBRATED DUAL-IN-LINE PACKAGE
More results


Similar Description - SM561

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
Spread Spectrum Clock Generator
logo
fujitsu semiconductor
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
Spread Spectrum Clock Generator
MB88154 FUJITSU-MB88154 Datasheet
151Kb / 18P
Spread Spectrum Clock Generator
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
Spread Spectrum Clock Generator
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
Spread Spectrum Clock Generator
logo
fujitsu semiconductor
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
SPREAD SPECTRUM CLOCK GENERATOR
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
Spread Spectrum Clock Generator
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com