Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMC10 Datasheet (PDF) - Lite-On Technology Corporation

SMC10 Datasheet PDF - Lite-On Technology Corporation
Part # SMC10
Download  SMC10 Download
File Size   50.07 Kbytes
Page   4 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS

SMC10 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMC10 Datasheet PDF - Lite-On Technology Corporation

Part # SMC10
Download  SMC10 Click to download

File Size   50.07 Kbytes
Page   4 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS

SMC10 Datasheet (HTML) - Lite-On Technology Corporation


SMC10 Product details

STAND-OFF VOLTAGE - 6.8 to 200 Volts
POWER DISSIPATION - 1500 WATTS

FEATURES
● Rating to 200V VBR
● For surface mounted applications
● Reliable low cost construction utilizing molded plastic technique
● Plastic material has UL flammability classification 94V-O
● Typical IR less than 1uA above 10V
● Fast response time: typically less than 1.0ps for Uni-direction,less than 5.0ns for Bi-direction,form 0 Volts to BV min




Similar Part No. - SMC10

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SMC10 SUNMATE-SMC10 Datasheet
1Mb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
logo
Kemet Corporation
SMC10.2-104J100A31-TR16 KEMET-SMC10.2-104J100A31-TR16 Datasheet
77Kb / 1P
Capacitor, film, 0.1 uF, /-5% Tol, General Purpose, 100 VDC@125C
SMC10.2-224J100A31-TR16 KEMET-SMC10.2-224J100A31-TR16 Datasheet
77Kb / 1P
Capacitor, film, 0.22 uF, /-5% Tol, General Purpose, 100 VDC@125C
SMC10.2-334J50A31-TR16 KEMET-SMC10.2-334J50A31-TR16 Datasheet
77Kb / 1P
Capacitor, film, 0.33 uF, /-5% Tol, General Purpose, 50 VDC@125C
SMC10.2-684J50A31-TR16 KEMET-SMC10.2-684J50A31-TR16 Datasheet
77Kb / 1P
Capacitor, film, 0.68 uF, /-5% Tol, General Purpose, 50 VDC@125C
More results


Similar Description - SMC10

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
SMB6.8 LITEON-SMB6.8 Datasheet
37Kb / 4P
SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
HY ELECTRONIC CORP.
SMAJ HY-SMAJ Datasheet
121Kb / 4P
SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMBJ HY-SMBJ Datasheet
116Kb / 4P
SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMCJ HY-SMCJ Datasheet
115Kb / 4P
SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMAJ10 HY-SMAJ10_17 Datasheet
146Kb / 5P
SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMBJ10 HY-SMBJ10_17 Datasheet
146Kb / 4P
SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMBJ10C HY-SMBJ10C_17 Datasheet
146Kb / 4P
SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMF5-0 HY-SMF5-0_17 Datasheet
147Kb / 5P
SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMAJ HY-SMAJ_V01 Datasheet
506Kb / 4P
Surface Mount Unidirectional and Bidirectional Transient Voltage Suppressors
logo
Diodes Incorporated
LT4ME5.0A DIODES-LT4ME5.0A Datasheet
610Kb / 5P
SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
Nov-2021 REV. 11
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com