Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

79696034 Datasheet (PDF) - List of Unclassifed Manufacturers

79696034 Datasheet PDF - List of Unclassifed Manufacturers
Part # 79696034
Download  79696034 Download
File Size   260.71 Kbytes
Page   4 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Thermocouple probe K with casing - St. steel 304 L 횠 3 mm : 500 mm longPVC cable : 2 m long - Junction isolated from

79696034 Datasheet (PDF)

Go To PDF Page Download Datasheet
79696034 Datasheet PDF - List of Unclassifed Manufacturers

Part # 79696034
Download  79696034 Click to download

File Size   260.71 Kbytes
Page   4 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Thermocouple probe K with casing - St. steel 304 L 횠 3 mm : 500 mm longPVC cable : 2 m long - Junction isolated from

79696034 Datasheet (HTML) - List of Unclassifed Manufacturers




Similar Part No. - 79696034

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
79696030 ETC2-79696030 Datasheet
260Kb / 4P
Thermocouple probe J with nickel-plated brass eyelet - 횠 6.5 mm, connection sleeve - 횠 5 x 30 mm in stainless steel 316 L
79696031 ETC2-79696031 Datasheet
260Kb / 4P
Thermocouple probe J with casing - St. steel 304 L 횠 3 mm : 500 mm long PVC cable : 2 m long - Junction cannot be
79696033 ETC2-79696033 Datasheet
260Kb / 4P
Thermocouple probe J with sheath - ST steel 316 L 횠 5 mm : 30 mm long Glass filament cable with stainless steel braid : 2
79696035 ETC2-79696035 Datasheet
260Kb / 4P
Thermocouple / Pt100 Pt100 probe Class B max : 200 째C Pt100 probe Class B with sheath - St. steel 316 L 횠 6 mm : 200 mm longSilicon teflon cable : 2 m long - 3-wire assembly
79696036 ETC2-79696036 Datasheet
260Kb / 4P
Pt100 probe Class B with sheath - St. steel 316 L 횠 6 mm : 30 mm longGlass filament cable with stainless steel braid : 2 m
More results


Similar Description - 79696034

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
79696030 ETC2-79696030 Datasheet
260Kb / 4P
Thermocouple probe J with nickel-plated brass eyelet - 횠 6.5 mm, connection sleeve - 횠 5 x 30 mm in stainless steel 316 L
79696031 ETC2-79696031 Datasheet
260Kb / 4P
Thermocouple probe J with casing - St. steel 304 L 횠 3 mm : 500 mm long PVC cable : 2 m long - Junction cannot be
79696033 ETC2-79696033 Datasheet
260Kb / 4P
Thermocouple probe J with sheath - ST steel 316 L 횠 5 mm : 30 mm long Glass filament cable with stainless steel braid : 2
79696035 ETC2-79696035 Datasheet
260Kb / 4P
Thermocouple / Pt100 Pt100 probe Class B max : 200 째C Pt100 probe Class B with sheath - St. steel 316 L 횠 6 mm : 200 mm longSilicon teflon cable : 2 m long - 3-wire assembly
79696036 ETC2-79696036 Datasheet
260Kb / 4P
Pt100 probe Class B with sheath - St. steel 316 L 횠 6 mm : 30 mm longGlass filament cable with stainless steel braid : 2 m
79696037 ETC2-79696037 Datasheet
260Kb / 4P
Pt100 probe Class B - Aluminium vee : 50 mm long - Silicom teflon cable : 2 m long - 3-wire assembly - Supplied with fixing
logo
PHOENIX CONTACT
2700154 PHOENIX-2700154 Datasheet
47Kb / 2P
Tube, 1000 mm long, 횠 25 mm
2700157 PHOENIX-2700157 Datasheet
47Kb / 2P
Tube, 250 mm long, 횠 25 mm
logo
Schneider Electric
APE1C2250 SCHNEIDER-APE1C2250 Datasheet
90Kb / 2P
cable with 2 connectors - 2 pins - L = 500 mm
Nov 24, 2021
logo
Schurter Inc.
PS1161 SCHURTER-PS1161_V01 Datasheet
286Kb / 2P
PS 1161 Test Probe, 횠 2 mm, 6.3 A
04.01.2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com