Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74AC244F Datasheet (PDF) - Toshiba Semiconductor

TC74AC244F Datasheet PDF - Toshiba Semiconductor
Part # TC74AC244F
Download  TC74AC244F Download
File Size   290.66 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description OCTAL BUS BUFFER

TC74AC244F Datasheet (PDF)

Go To PDF Page Download Datasheet
TC74AC244F Datasheet PDF - Toshiba Semiconductor

Part # TC74AC244F
Download  TC74AC244F Click to download

File Size   290.66 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description OCTAL BUS BUFFER

TC74AC244F Datasheet (HTML) - Toshiba Semiconductor


TC74AC244F Product details

Octal Bus Buffer

The TC74AC240 and 244 are advanced high speed CMOS OCTAL BUS BUFFERs fabricated with silicon gate and
double-layer metal wiring C2MOS technology.
They achieve the high speed operation similar to equivalent Bipolar Schottky TTL while maintaining the CMOS low power dissipation.

Features
•  High speed: tpd= 4.0 ns (typ.) at VCC= 5 V
•  Low power dissipation: ICC= 8 μA (max) at Ta = 25°C
•  High noise immunity: VNIH= VNIL= 28% VCC(min)
•  Symmetrical output impedance: |IOH| = IOL= 24 mA (min)
                                                      Capability of driving 50 Ω
                                                      transmission lines.
•  Balanced propagation delays: tpLH∼  − tpHL
•  Wide operating voltage range: VCC (opr)= 2 to 5.5 V
•  Pin and function compatible with 74F240/244




Similar Part No. - TC74AC244F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74AC244F TOSHIBA-TC74AC244F Datasheet
237Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC244FT TOSHIBA-TC74AC244FT Datasheet
237Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC244F TOSHIBA-TC74AC244F_07 Datasheet
237Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic
More results


Similar Description - TC74AC244F

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74VHC244 MOTOROLA-MC74VHC244 Datasheet
165Kb / 6P
Octal Bus Buffer
MC74VHC540 MOTOROLA-MC74VHC540 Datasheet
168Kb / 6P
Octal Bus Buffer
logo
Toshiba Semiconductor
TC74ACT240P TOSHIBA-TC74ACT240P Datasheet
273Kb / 6P
OCTAL BUS BUFFER
logo
ON Semiconductor
MC74VHC244 ONSEMI-MC74VHC244 Datasheet
217Kb / 8P
Octal Bus Buffer
March, 2006 -- Rev. 7
MC74VHC541 ONSEMI-MC74VHC541 Datasheet
106Kb / 6P
Octal Bus Buffer
April, 2006 ??Rev. 5
MC74VHCT540A ONSEMI-MC74VHCT540A_06 Datasheet
164Kb / 7P
Octal Bus Buffer
March, 2006 ??Rev. 4
MC74VHCT541A ONSEMI-MC74VHCT541A_06 Datasheet
104Kb / 6P
Octal Bus Buffer
January, 2006 ??Rev. 4
logo
Toshiba Semiconductor
TC74VHCT240AF TOSHIBA-TC74VHCT240AF_07 Datasheet
221Kb / 9P
Octal Bus Buffer
logo
ON Semiconductor
MC74VHC244 ONSEMI-MC74VHC244_11 Datasheet
145Kb / 8P
Octal Bus Buffer
May, 2011 ??Rev. 8
MC74LVX240 ONSEMI-MC74LVX240_14 Datasheet
134Kb / 7P
Octal Bus Buffer
February, 2014 ??Rev. 4
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com