Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3 Datasheet (PDF) - Vishay Siliconix

TP3 Datasheet PDF - Vishay Siliconix
Part # TP3
Download  TP3 Download
File Size   600.16 Kbytes
Page   23 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Solid Tantalum Surface Mount Chip Capacitors

TP3 Datasheet (PDF)

Go To PDF Page Download Datasheet
TP3 Datasheet PDF - Vishay Siliconix

Part # TP3
Download  TP3 Click to download

File Size   600.16 Kbytes
Page   23 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Solid Tantalum Surface Mount Chip Capacitors

TP3 Datasheet (HTML) - Vishay Siliconix


TP3 Product details

• AEC-Q200 qualified
• Low ESR
• 100 % surge current tested
(B, C, D, and E case sizes)
• High ripple current carrying capability
• Molded case available in five case codes
• Terminations: 100 % matte tin standard,
tin / lead available
• Compatible with “high volume” automatic pick
and place equipment
• Meets EIA-535-BAAC mechanical and performance
requirements
• Compliant terminations
• Moisture sensitivity level 1




Similar Part No. - TP3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TP3 VISHAY-TP3 Datasheet
135Kb / 12P
Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, High Performance
04-Jun-08
logo
GREATECS
TP3 GREATECS-TP3 Datasheet
221Kb / 1P
6 x 6 mm Washable Tactile Switches
logo
Linear Technology
TP3-470 LINER-TP3-470 Datasheet
96Kb / 12P
500mA Low Voltage Step-Down Synchronous
logo
STMicroelectronics
TP30 STMICROELECTRONICS-TP30 Datasheet
64Kb / 6P
TRISILTM
November 1998 - Ed: 5A
TP30-100 STMICROELECTRONICS-TP30-100 Datasheet
64Kb / 6P
TRISILTM
November 1998 - Ed: 5A
More results


Similar Description - TP3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
293D106X9020B2TE3 VISHAY-293D106X9020B2TE3 Datasheet
421Kb / 23P
Solid Tantalum Surface Mount Chip Capacitors
04-Jul-13
438417 VISHAY-438417 Datasheet
115Kb / 9P
Solid Tantalum Surface Mount Capacitors
02-Jun-09
293D106X0016B2TE3 VISHAY-293D106X0016B2TE3 Datasheet
401Kb / 22P
Solid Tantalum Surface Mount Chip Capacitors
04-Jul-13
593D107X06R3B2TE3 VISHAY-593D107X06R3B2TE3 Datasheet
377Kb / 18P
Solid Tantalum Surface Mount Chip Capacitors
04-Jul-13
593D475X9050D2T VISHAY-593D475X9050D2T Datasheet
398Kb / 19P
Solid Tantalum Surface Mount Chip Capacitors
04-Jul-13
293D107X9010D2WE3 VISHAY-293D107X9010D2WE3 Datasheet
115Kb / 9P
Solid Tantalum Surface Mount Capacitors
02-Jun-09
293D VISHAY-293D Datasheet
401Kb / 22P
Solid Tantalum Surface Mount Chip Capacitors
04-Jul-13
logo
Cornell Dubilier Electr...
T491 CDE-T491 Datasheet
368Kb / 5P
Solid Tantalum Chip Capacitors for Surface Mount Applications
logo
Vishay Siliconix
TM3 VISHAY-TM3_17 Datasheet
546Kb / 16P
Solid Tantalum Surface Mount Chip Capacitors
22-Jun-17
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com