Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMCTXB1D335TRF Datasheet (PDF) - Vishay Siliconix

TMCTXB1D335TRF Datasheet PDF - Vishay Siliconix
Part # TMCTXB1D335TRF
Download  TMCTXB1D335TRF Download
File Size   247.85 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Solid Tantalum Surface-Mount Chip Capacitors, Molded Case, Built-In Fuse

TMCTXB1D335TRF Datasheet (PDF)

Go To PDF Page Download Datasheet
TMCTXB1D335TRF Datasheet PDF - Vishay Siliconix

Part # TMCTXB1D335TRF
Download  TMCTXB1D335TRF Click to download

File Size   247.85 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Solid Tantalum Surface-Mount Chip Capacitors, Molded Case, Built-In Fuse

TMCTXB1D335TRF Datasheet (HTML) - Vishay Siliconix


TMCTXB1D335TRF Product details

• Suitable for automatic mounting
• Prevention of fire or smoke with the work of
internal fuse
• Fusing characteristics:
B, C cases: open in less than 100 s at 1.5 A
or in less than 5 s at 5 A
E, F cases: open in less than 5 s at 5 A
• Terminations: 100 % matte tin
• MSL level: 1




Similar Part No. - TMCTXB1D335TRF

ManufacturerPart #DatasheetDescription
logo
HolyStone International
TMCTXB1A106 HOLYSTONECAPS-TMCTXB1A106 Datasheet
62Kb / 2P
TANTALUM ELECTROLYTIC CAPACITORS
TMCTXB1A475 HOLYSTONECAPS-TMCTXB1A475 Datasheet
62Kb / 2P
TANTALUM ELECTROLYTIC CAPACITORS
TMCTXB1A685 HOLYSTONECAPS-TMCTXB1A685 Datasheet
62Kb / 2P
TANTALUM ELECTROLYTIC CAPACITORS
More results


Similar Description - TMCTXB1D335TRF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
893D VISHAY-893D Datasheet
136Kb / 5P
Solid Tantalum Chip Capacitors TANTAMOUNT®, Built-In-Fuse Miniature, Molded-Case
08-Feb-08
T86 VISHAY-T86 Datasheet
104Kb / 6P
Solid Tantalum Surface Mount TANTAMOUNT짰, Molded Case, Hi-Rel COTS, Low ESR, Built-In-Fuse
31-Jan-11
TR3D107K016C0125 VISHAY-TR3D107K016C0125 Datasheet
1Mb / 17P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
26-Jun-13
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
04-Jul-13
TF3 VISHAY-TF3 Datasheet
631Kb / 23P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT?? Molded Case, Built-In-Fuse
13-Sep-16
TMCH VISHAY-TMCH Datasheet
280Kb / 15P
Solid Tantalum Surface Mount Chip Capacitors, Molded Case, High Reliability
26-Oct-17
TMCJ VISHAY-TMCJ Datasheet
241Kb / 12P
Solid Tantalum Surface Mount Chip Capacitors Molded Case, 0603 Size
16-Jan-17
TMCM VISHAY-TMCM Datasheet
275Kb / 16P
Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Extended Range
26-Oct-17
TMCP VISHAY-TMCP Datasheet
243Kb / 12P
Solid Tantalum Surface Mount Chip CapacitorsSolid Tantalum Surface Mount Chip Capacitors, Molded Case, 0805 Size
16-Jan-17
TMCR VISHAY-TMCR Datasheet
260Kb / 13P
Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Low ESR
26-Oct-17
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com