Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7879 Datasheet (PDF) - Analog Devices

AD7879 Datasheet PDF - Analog Devices
Part # AD7879
Download  AD7879 Download
File Size   779.27 Kbytes
Page   40 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Voltage Controller for Touch Screens

AD7879 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7879 Datasheet PDF - Analog Devices

Part # AD7879
Download  AD7879 Click to download

File Size   779.27 Kbytes
Page   40 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Voltage Controller for Touch Screens

AD7879 Datasheet (HTML) - Analog Devices


AD7879 Product details

GENERAL DESCRIPTION
The AD7879/AD7889 are 12-bit successive approximation analog-to-digital converters (SAR ADCs) with a synchronous serial interface and low on-resistance switches for driving 4-wire resistive touch screens. The AD7879/AD7889 work with a very low power supply—a single 1.6 V to 3.6 V supply—and feature a throughput rate of 105 kSPS. The devices include a shutdown mode that reduces current consumption to less than 6 μA.

FEATURES
    4-wire touch screen interface
    1.6 V to 3.6 V operation
    Median and averaging filter to reduce noise
    Automatic conversion sequencer and timer
    User-programmable conversion parameters
    Auxiliary analog input/battery monitor (0.5 V to 5 V)
    1 optional GPIO
    Interrupt outputs (INT, PENIRQ)
    Touch-pressure measurement
    Wake-up on touch function
    Shutdown mode: 6 μA maximum
    12-ball, 1.6 mm × 2 mm WLCSP
    16-lead, 4 mm × 4 mm LFCSP

APPLICATIONS
    Personal digital assistants
    Smart handheld devices
    Touch screen monitors
    Point-of-sale terminals
    Medical devices
    Cell phones




Similar Part No. - AD7879

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7879 AD-AD7879 Datasheet
652Kb / 36P
Low Voltage Controller for Touch Screens
REV. 0
AD7879 AD-AD7879 Datasheet
779Kb / 40P
Low Voltage Controller for Touch Screens
Rev. D
AD7879-1ACBZ-500R7 AD-AD7879-1ACBZ-500R7 Datasheet
652Kb / 36P
Low Voltage Controller for Touch Screens
REV. 0
AD7879-1ACBZ-500R7 AD-AD7879-1ACBZ-500R7 Datasheet
779Kb / 40P
Low Voltage Controller for Touch Screens
Rev. D
AD7879-1ACBZ-RL AD-AD7879-1ACBZ-RL Datasheet
652Kb / 36P
Low Voltage Controller for Touch Screens
REV. 0
More results


Similar Description - AD7879

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TSC2046 BURR-BROWN-TSC2046 Datasheet
554Kb / 23P
Low Voltage I/O TOUCH SCREEN CONTROLLER
TSC2046E BURR-BROWN-TSC2046E_07 Datasheet
645Kb / 30P
Low Voltage I/O TOUCH SCREEN CONTROLLER
logo
Analog Devices
AD7879 AD-AD7879 Datasheet
652Kb / 36P
Low Voltage Controller for Touch Screens
REV. 0
logo
Texas Instruments
TSC2046E-Q1 TI1-TSC2046E-Q1 Datasheet
803Kb / 28P
LOW-VOLTAGE I/O TOUCH SCREEN CONTROLLER
logo
List of Unclassifed Man...
FTAS00-150A5 ETC2-FTAS00-150A5 Datasheet
470Kb / 6P
Resistive Touch Screens 5-Wire, 4-Wire & Digital Solutions
logo
Texas Instruments
TSC2046 TI1-TSC2046_16 Datasheet
1Mb / 32P
Low-Voltage I/O TOUCH SCREEN CONTROLLER
logo
Analog Devices
AD7879 AD-AD7879_17 Datasheet
779Kb / 40P
Low Voltage Controller for Touch Screens
Rev. D
logo
Asahi Kasei Microsystem...
AK4187 AKM-AK4187 Datasheet
448Kb / 36P
Touch Screen Controller for Dual Touch Gestures
logo
SHENZHEN FUMAN ELECTRON...
TSC2046S FUMAN-TSC2046S Datasheet
611Kb / 21P
Low Voltage I/O Touch Screen Controller
logo
3M Electronics
69-502 3M-69-502 Datasheet
131Kb / 2P
MicroTouch™ TouchPen System for ClearTek™ II Touch Screens
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com