Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRE3050A Datasheet (PDF) - List of Unclassifed Manufacturers

VRE3050A Datasheet PDF - List of Unclassifed Manufacturers
Part # VRE3050A
Download  VRE3050A Download
File Size   188.83 Kbytes
Page   8 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description VRE3050 Low Cost Precision Reference

VRE3050A Datasheet (PDF)

Go To PDF Page Download Datasheet
VRE3050A Datasheet PDF - List of Unclassifed Manufacturers

Part # VRE3050A
Download  VRE3050A Click to download

File Size   188.83 Kbytes
Page   8 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description VRE3050 Low Cost Precision Reference

VRE3050A Datasheet (HTML) - List of Unclassifed Manufacturers


VRE3050A Product details

[THALER CORPORATION]



DESCRIPTION

The VRE3050 is a low cost, high precision 5.0V reference that operates from +10V. The device features a buried zener for low noise and excellent long term stability. Packaged in an 8 pin DIP and SMT, the device is ideal for high resolution data conversion systems.

The device provides ultrastable +5.000V output with ±0.5000 mV (.01%) initial accuracy and a temperature coefficient of 0.6 ppm/°C. This improvement in accuracy is made possible by a unique, patented multipoint laser compensation technique developed by Thaler Corporation. Significant improvements have been made in other performance parameters as well, including initial accuracy, warm-up drift, line regulation, and long-term stability, making the VRE3050 series the most accurate reference available.



FEATURES

• 5.000 V Output ± 0.500 mV (.01%)

• Temperature Drift: 0.6 ppm/°C

• Low Noise: 3µV p-p (0.1Hz-10Hz)

• Low Thermal Hysterisis: 1 ppm Typ.

• ±15mA Output Source and Sink Current

• Excellent Line Regulation: 5 ppm/V Typ.

• Optional Noise Reduction and Voltage Trim

• Industry Standard Pinout



 




Similar Part No. - VRE3050A

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
VRE3050A CIRRUS-VRE3050A Datasheet
549Kb / 7P
Precision Voltage Reference
VRE3050A CIRRUS-VRE3050A Datasheet
665Kb / 6P
Precision Voltage Reference
More results


Similar Description - VRE3050A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1403 ONSEMI-MC1403 Datasheet
125Kb / 8P
PRECISION LOW VOLTAGE REFERENCE
REV 1
logo
Maxim Integrated Produc...
MAX6120 MAXIM-MAX6120 Datasheet
86Kb / 6P
Low-Cost, Micropower, Precision, 3-Terminal, 1.2V Voltage Reference
Rev 1; 9/96
logo
List of Unclassifed Man...
VRE3021 ETC-VRE3021 Datasheet
188Kb / 8P
Low Cost Precision Reference
VRE306 ETC-VRE306 Datasheet
320Kb / 5P
Low Cost Precision Reference
VRE310 ETC-VRE310 Datasheet
420Kb / 5P
Low Cost Precision Reference
VRE304 ETC1-VRE304 Datasheet
330Kb / 5P
Low Cost Precision Reference
VRE3041 ETC1-VRE3041 Datasheet
187Kb / 8P
Low Cost Precision Reference
VRE3025 ETC1-VRE3025 Datasheet
199Kb / 8P
Low Cost Precision Reference
VRE302 ETC-VRE302 Datasheet
2Mb / 41P
Low Cost Precision Reference
logo
Analog Devices
AD680 AD-AD680_05 Datasheet
399Kb / 12P
Low Power, Low Cost 2.5 V Reference
Rev. H
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com