Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q65110A7524 Datasheet (PDF) - OSRAM GmbH

Q65110A7524 Datasheet PDF - OSRAM GmbH
Part # Q65110A7524
Download  Q65110A7524 Download
File Size   493.48 Kbytes
Page   21 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Signal and Symbol Luminary

Q65110A7524 Datasheet (PDF)

Go To PDF Page Download Datasheet
Q65110A7524 Datasheet PDF - OSRAM GmbH

Part # Q65110A7524
Download  Q65110A7524 Click to download

File Size   493.48 Kbytes
Page   21 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Signal and Symbol Luminary

Q65110A7524 Datasheet (HTML) - OSRAM GmbH


Q65110A7524 Product details

Features
• package: white P-LCC-4 package, colorless clear silicone resin
• feature of the device: more light due to higher optical efficiency
• wavelength: 633 nm (super-red), 625 nm (red), 617 nm (amber), 606 nm (orange), 590 nm (yellow)
• viewing angle: Lambertian Emitter (120°)
• technology: InGaAlP
• optical efficiency: 38 lm/W (super-red), 49 lm/W (red), 69 lm/W (amber, orange), 44 lm/W (yellow)
• grouping parameter: luminous intensity, forward voltage, wavelength
• assembly methods: suitable for all SMT assembly methods
• soldering methods: reflow soldering and TTW soldering
• preconditioning: acc. to JEDEC Level 2
• taping: 8 mm tape with 2000/reel, ø180 mm or 8000/reel, ø330 mm
• ESD-withstand voltage: up to 2 kV acc. to JESD22-A114-D

Applications
• traffic lights
• backlighting (LCD, switches, keys, displays, illuminated advertising)
• interior and exterior automotive lighting (e.g. dashboard backlighting and brake lights)
• substitution of micro incandescent lamps
• marker lights (e.g. steps, exit ways, etc.)
• signal and symbol luminaire




Similar Part No. - Q65110A7524

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
Q65110A7501 OSRAM-Q65110A7501 Datasheet
642Kb / 23P
6-lead MULTILED - RGB - white binned Enhanced optical Power LED (ThinFilm / ThinGaN) Lead (Pb) Free Product - RoHS Compliant
Q65110A7513 OSRAM-Q65110A7513 Datasheet
157Kb / 10P
IR-Lumineszenzdiode (940 nm) mit hoher Ausgangsleistung
Q65110A7515 OSRAM-Q65110A7515 Datasheet
154Kb / 10P
IR-Lumineszenzdiode (940 nm) mit hoher Ausgangsleistung
Q65110A7516 OSRAM-Q65110A7516 Datasheet
155Kb / 10P
IR-Lumineszenzdiode (940 nm) mit hoher Ausgangsleistung
Q65110A7590 OSRAM-Q65110A7590 Datasheet
568Kb / 21P
Coupling into Light Guides
More results


Similar Description - Q65110A7524

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LRVH9F-P2R1-1 OSRAM-LRVH9F-P2R1-1 Datasheet
684Kb / 21P
Signal and Symbol Luminary
LRY8SF-U1V2-1 OSRAM-LRY8SF-U1V2-1 Datasheet
494Kb / 21P
Signal and Symbol Luminary
LTQH9G-Q2OO-25-2Z4Y OSRAM-LTQH9G-Q2OO-25-2Z4Y Datasheet
730Kb / 21P
Signal and Symbol Luminary
LTVH9G-Q2OO-25-1 OSRAM-LTVH9G-Q2OO-25-1 Datasheet
694Kb / 21P
Signal and Symbol Luminary
LUWCRBP-LXLZ-G4J4-1 OSRAM-LUWCRBP-LXLZ-G4J4-1 Datasheet
990Kb / 22P
Signal and Symbol Luminary
LYCKBP-JYKX-46-1 OSRAM-LYCKBP-JYKX-46-1 Datasheet
932Kb / 21P
Signal and Symbol Luminary
LRT64F OSRAM-LRT64F Datasheet
2Mb / 24P
Signal and Symbol Luminary
LRT67D OSRAM-LRT67D Datasheet
756Kb / 20P
Signal and Symbol Luminary
LRY8SF OSRAM-LRY8SF Datasheet
494Kb / 21P
Signal and Symbol Luminary
LVT6SG OSRAM-LVT6SG Datasheet
695Kb / 24P
Signal and Symbol Luminary
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com