Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YSS901 Datasheet (PDF) - List of Unclassifed Manufacturers

YSS901 Datasheet PDF - List of Unclassifed Manufacturers
Part # YSS901
Download  YSS901 Download
File Size   140.56 Kbytes
Page   14 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description SD Stereo dipole

YSS901 Datasheet (PDF)

Go To PDF Page Download Datasheet
YSS901 Datasheet PDF - List of Unclassifed Manufacturers

Part # YSS901
Download  YSS901 Click to download

File Size   140.56 Kbytes
Page   14 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description SD Stereo dipole

YSS901 Datasheet (HTML) - List of Unclassifed Manufacturers


YSS901 Product details

[Yamaha]

Outline
YSS901 is a device that uses the stereo dipole system (SD) with which the transaural system can be constructed. When a stereophonic signal that has been processed with the SD system of this device is inputted to two speakers located adjacently at the center of the field (or to two speakers contained in one cabinet), the virtual sound positioning function of this system produces the stereophonic sound similar to the one that can be obtained by using an ordinary stereophonic sound replay system through the central two speakers.

Features
● Two channel virtual sound positioning by using the stereo dipole system.
● Processes analog or digital signals at each of the two channels.
● Four types of digital data format are available, including 48 fs Serial-DAC16, 18 and 20 bits, and 64 fs.
● Six types of parameter coefficients are built in the device. Additional parameter coefficients can be downloaded externally.
● The parameter control is made through the DC switches or synchronous three-wire serial system.
● Uses a clock of 2.822 MHz from the crystal. External clock can also be used.
● Has a built-in PLL circuit for generating clock for operation.
● Internal operating frequency of 512 fs.
● Allows fading in or out the output of the results of the convolution when switching the coefficient.
● Power supply voltage: 5 V
● Si-gate CMOS process.
● 64 QFP




Similar Part No. - YSS901

ManufacturerPart #DatasheetDescription
logo
YAMAHA CORPORATION
YSS902 YAMAHA-YSS902 Datasheet
597Kb / 12P
Dolby Digital (AC-3) / Pro Logic decoder Sub DSP
YSS903 YAMAHA-YSS903 Datasheet
1Mb / 28P
Karaoke Processor 2 for Video disc player
More results


Similar Description - YSS901

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
SPDA24700 PULSE-SPDA24700 Datasheet
3Mb / 4P
LTE Dipole
logo
Taoglas antenna solutio...
TG.10.0113 TAOGLAS-TG.10.0113 Datasheet
4Mb / 53P
Dipole Terminal Antenna
TG.10R.A.0113 TAOGLAS-TG.10R.A.0113 Datasheet
2Mb / 19P
Dipole Terminal Antenna
TG.30.8112 TAOGLAS-TG.30.8112 Datasheet
2Mb / 19P
dipole swivel terminal antenna
TG.35.8113W TAOGLAS-TG.35.8113W Datasheet
5Mb / 71P
Dipole Swivel Terminal Antenna
TD.10.5113 TAOGLAS-TD.10.5113 Datasheet
16Mb / 33P
Dipole Terminal Antenna
logo
Raltron Electronics Cor...
RDP-480-P-1200-BNC-3000-G RALTRON-RDP-480-P-1200-BNC-3000-G Datasheet
196Kb / 3P
DIPOLE ANTENNA
RDP-GPRS-P-300-SMAM RALTRON-RDP-GPRS-P-300-SMAM Datasheet
157Kb / 1P
DIPOLE ANTENNA
RDP-GPRS-P-300-SMAM-3000 RALTRON-RDP-GPRS-P-300-SMAM-3000 Datasheet
157Kb / 1P
DIPOLE ANTENNA
logo
rfsolutions.ltd
ANT-24G-DPL-1 RFSOLUTIONS-ANT-24G-DPL-1 Datasheet
983Kb / 2P
Mini Dipole Antenna 2.4GHz
2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com