Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K2613 Datasheet (PDF) - Toshiba Semiconductor

K2613 Datasheet PDF - Toshiba Semiconductor
Part # K2613
Download  K2613 Download
File Size   232.93 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSIII)

K2613 Datasheet (PDF)

Go To PDF Page Download Datasheet
K2613 Datasheet PDF - Toshiba Semiconductor

Part # K2613
Download  K2613 Click to download

File Size   232.93 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSIII)

K2613 Datasheet (HTML) - Toshiba Semiconductor


K2613 Product details

Switching Regulator Applications, DC-DC Converter and Motor Drive Applications

• Low drain-source ON-resistance: RDS (ON) = 1.4 Ω (typ.)
• High forward transfer admittance: ⎪Yfs⎪ = 6.0 S (typ.)
• Low leakage current: IDSS = 100 μA (max) (VDS = 800 V)
• Enhancement-model: Vth = 2.0 to 4.0 V (VDS = 10 V, ID = 1 mA)




Similar Part No. - K2613

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
K2610 TOSHIBA-K2610 Datasheet
291Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
logo
Shenzhen Winsemi Microe...
K2611 WINSEMI-K2611 Datasheet
632Kb / 7P
Silicon N-Channel MOSFET
logo
Toshiba Semiconductor
K2611 TOSHIBA-K2611 Datasheet
413Kb / 6P
DC−DC Converter, Relay Drive and Motor Drive Applications
2009-09-29
logo
Shenzhen Winsemi Microe...
K2611B WINSEMI-K2611B Datasheet
1,008Kb / 7P
Silicon N-Channel MOSFET
K2611B WINSEMI-K2611B Datasheet
288Kb / 8P
Silicon N-Channel MOSFET
More results


Similar Description - K2613

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8202 TOSHIBA-TPC8202 Datasheet
339Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSVI)
TPC6003 TOSHIBA-TPC6003 Datasheet
159Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
2SK3125 TOSHIBA-2SK3125 Datasheet
226Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSVI)
2SK3407 TOSHIBA-2SK3407 Datasheet
230Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSV)
2SK3471 TOSHIBA-2SK3471 Datasheet
104Kb / 3P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSV)
2SK3543 TOSHIBA-2SK3543 Datasheet
234Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSV)
TPCS8208 TOSHIBA-TPCS8208 Datasheet
205Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
2SK3562 TOSHIBA-2SK3562 Datasheet
232Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSVI)
2SK3567 TOSHIBA-2SK3567 Datasheet
94Kb / 3P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSVI)
2SK3761 TOSHIBA-2SK3761 Datasheet
89Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOS4)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com