Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GDDASPA1.14 Datasheet (PDF) - OSRAM GmbH

GDDASPA1.14 Datasheet PDF - OSRAM GmbH
Part # GDDASPA1.14
Download  GDDASPA1.14 Download
File Size   671.9 Kbytes
Page   22 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Architectural lighting

GDDASPA1.14 Datasheet (PDF)

Go To PDF Page Download Datasheet
GDDASPA1.14 Datasheet PDF - OSRAM GmbH

Part # GDDASPA1.14
Download  GDDASPA1.14 Click to download

File Size   671.9 Kbytes
Page   22 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Architectural lighting

GDDASPA1.14 Datasheet (HTML) - OSRAM GmbH


GDDASPA1.14 Product details

High-efficacy mid-power LED with long lifetimes also at high currents and high junction temperatures.

Features:
• Package: SMT package
• Viewing angle at 50 % IV: 105°
• Color: 450 nm ( deep blue )
• Radiant Flux: typ. 140 mW
• Radiant Efficiency: typ. 47 %
• Corrosion Robustness: Superior Corrosion Robustness

Applications
• Architectural lighting
• Accent and effect lighting
• Room lighting: ceiling light, cove lighting, chandeliers, pendants, sconces
• Channel letters
• Linear lights
• Remote-phosphor fixtures




Similar Part No. - GDDASPA1.14

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GDDASPA2.14 OSRAM-GDDASPA2.14 Datasheet
1Mb / 21P
OSCONIQ P 2226
GDDASPA2.14-RMRO-25-1 OSRAM-GDDASPA2.14-RMRO-25-1 Datasheet
1Mb / 21P
OSCONIQ P 2226
GDDASPA2.14-ROSK-24-LM OSRAM-GDDASPA2.14-ROSK-24-LM Datasheet
1Mb / 21P
OSCONIQ P 2226
More results


Similar Description - GDDASPA1.14

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCWG5GP-FYGY-5R8T OSRAM-LCWG5GP-FYGY-5R8T Datasheet
437Kb / 20P
Architectural lighting
GAPSLR31.13 OSRAM-GAPSLR31.13 Datasheet
812Kb / 22P
Architectural lighting
GRPSLR31.13 OSRAM-GRPSLR31.13 Datasheet
878Kb / 22P
Architectural lighting
GTPSLR31.13 OSRAM-GTPSLR31.13 Datasheet
814Kb / 22P
Architectural lighting
GBDASPA1.13 OSRAM-GBDASPA1.13 Datasheet
1Mb / 22P
Architectural lighting
GRDASPA1.23 OSRAM-GRDASPA1.23 Datasheet
904Kb / 22P
Architectural lighting
GTDASPA1.13 OSRAM-GTDASPA1.13 Datasheet
672Kb / 22P
Architectural lighting
LERTDUWS2WN OSRAM-LERTDUWS2WN Datasheet
1Mb / 25P
Architectural lighting
GWDASPA1.EC OSRAM-GWDASPA1.EC Datasheet
1Mb / 26P
Architectural lighting
GRDASPA2.23 OSRAM-GRDASPA2.23 Datasheet
1Mb / 21P
Architectural lighting
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com