Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GYDASPA1.23 Datasheet (PDF) - OSRAM GmbH

GYDASPA1.23 Datasheet PDF - OSRAM GmbH
Part # GYDASPA1.23
Download  GYDASPA1.23 Download
File Size   673.61 Kbytes
Page   22 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Accent and effect lighting

GYDASPA1.23 Datasheet (PDF)

Go To PDF Page Download Datasheet
GYDASPA1.23 Datasheet PDF - OSRAM GmbH

Part # GYDASPA1.23
Download  GYDASPA1.23 Click to download

File Size   673.61 Kbytes
Page   22 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Accent and effect lighting

GYDASPA1.23 Datasheet (HTML) - OSRAM GmbH


GYDASPA1.23 Product details

High-efficacy mid-power LED with long lifetimes also at high currents and high junction temperatures.

Features:
• Package: SMT package
• Viewing angle at 50 % IV: 120°
• Color: 593 nm (yellow)
• Luminous Flux: typ. 14 lm
• Luminous efficacy: typ. 65 lm/W

Applications
• Architectural lighting
• Accent and effect lighting
• Room lighting: ceiling light, cove lighting, chandeliers, pendants, sconces
• Channel letters
• Linear lights




Similar Part No. - GYDASPA1.23

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GYDASPA2.23 OSRAM-GYDASPA2.23 Datasheet
1Mb / 21P
OSCONIQ P 2226
GYDASPA2.23-FSFU-35-FH OSRAM-GYDASPA2.23-FSFU-35-FH Datasheet
1Mb / 21P
OSCONIQ P 2226
More results


Similar Description - GYDASPA1.23

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GRCS8PM1.23 OSRAM-GRCS8PM1.23 Datasheet
763Kb / 22P
Accent and effect lighting
GRCSHPM1.23 OSRAM-GRCSHPM1.23 Datasheet
951Kb / 22P
Accent and effect lighting
LSE63F OSRAM-LSE63F Datasheet
378Kb / 22P
Automotive Lighting Interior and Exterior
LUWW5SM OSRAM-LUWW5SM Datasheet
717Kb / 22P
Automotive Lighting Interior and Exterior
LYETSF OSRAM-LYETSF Datasheet
614Kb / 21P
Automotive Lighting Interior and Exterior
KPCSLPM1.F1 OSRAM-KPCSLPM1.F1 Datasheet
807Kb / 24P
Stage and Entertainment Lighting
GWCS8PM1.PM OSRAM-GWCS8PM1.PM Datasheet
2Mb / 25P
Accent and effect lighting
GWP7STA2.PM OSRAM-GWP7STA2.PM Datasheet
1Mb / 23P
Street and tunnel lighting
KRDMLN31.23 OSRAM-KRDMLN31.23 Datasheet
676Kb / 22P
Architectural Lighting indoor and outdoor
logo
Littelfuse
SCR430T LITTELFUSE-SCR430T Datasheet
321Kb / 2P
Flashers and Tower Lighting Controls Tower and Obstruction Lighting Controls
Rev: 1-A-062316
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com