Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOM670 Datasheet (PDF) - OSRAM GmbH

LOM670 Datasheet PDF - OSRAM GmbH
Part # LOM670
Download  LOM670 Download
File Size   479.63 Kbytes
Page   19 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Backlighting

LOM670 Datasheet (PDF)

Go To PDF Page Download Datasheet
LOM670 Datasheet PDF - OSRAM GmbH

Part # LOM670
Download  LOM670 Click to download

File Size   479.63 Kbytes
Page   19 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Backlighting

LOM670 Datasheet (HTML) - OSRAM GmbH


LOM670 Product details

Features

• package:white SMT package

• feature of the device:small package 2.3 mm x 1.3 mm x 1.4 mm

• wavelength:628 nm (super-red), 606 nm (orange), 587 nm (yellow), 570 nm (green), 560 nm (pure green)

• viewing angle:Lambertian Emitter (120°)

• technology:GaAlP (super-red, orange, yellow, green), GaP (pure green)

• optical efficiency:1.5 lm/W (super-red, orange, yellow), 2.5 lm/W (green), 0.6 lm/W (pure green)

• grouping parameter:luminous intensity

• assembly methods:suitable for all SMT assembly methods

• soldering methods:IR reflow soldering

• preconditioning:acc. to JEDEC Level 2

• taping:8-mm tape with 3000/reel, ø180 mm or 12000/reel, ø330 mm



Applications

• optical indicators

• backlighting (LCD, cellular phones, switches, keys, displays, illuminated advertising, general

lighting)

• coupling into light guides

• indoor displays

• interior automotive lighting. (e.g. dashboard backlighting, etc.)

• marker lights (e.g. steps, exit ways, etc.)




Similar Part No. - LOM670

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
LOM670 TO-GRACE-LOM670 Datasheet
1Mb / 12P
Standard Mini SMD LED
logo
OSRAM GmbH
LOM670-H2L1-24 OSRAM-LOM670-H2L1-24 Datasheet
479Kb / 19P
white SMT package, colorless clear resin
logo
Siemens Semiconductor G...
LOM670-HK SIEMENS-LOM670-HK Datasheet
49Kb / 8P
Mini TOPLED
LOM670-J SIEMENS-LOM670-J Datasheet
49Kb / 8P
Mini TOPLED
logo
HK TO-GRACE TECHNOLOGY ...
LOM670-J2L1 TO-GRACE-LOM670-J2L1 Datasheet
1Mb / 12P
Standard Mini SMD LED
More results


Similar Description - LOM670

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
KWDNLS31.RA OSRAM-KWDNLS31.RA Datasheet
738Kb / 24P
Backlighting
LOE67F OSRAM-LOE67F Datasheet
445Kb / 20P
Backlighting
LWY1SG OSRAM-LWY1SG_14 Datasheet
551Kb / 22P
Backlighting
LTW5SM OSRAM-LTW5SM Datasheet
633Kb / 21P
Backlighting
LBQH9G OSRAM-LBQH9G Datasheet
741Kb / 21P
Backlighting
LTPWSG OSRAM-LTPWSG Datasheet
759Kb / 22P
Backlighting
LWQ38G OSRAM-LWQ38G Datasheet
562Kb / 22P
Backlighting
LAT67D OSRAM-LAT67D Datasheet
757Kb / 20P
Backlighting
LBE6SG OSRAM-LBE6SG Datasheet
604Kb / 21P
Backlighting
LBE63C OSRAM-LBE63C_16 Datasheet
1Mb / 22P
Backlighting
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com