Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOM676 Datasheet (PDF) - OSRAM GmbH

LOM676 Datasheet PDF - OSRAM GmbH
Part # LOM676
Download  LOM676 Download
File Size   511.08 Kbytes
Page   20 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Optical Indicator

LOM676 Datasheet (PDF)

Go To PDF Page Download Datasheet
LOM676 Datasheet PDF - OSRAM GmbH

Part # LOM676
Download  LOM676 Click to download

File Size   511.08 Kbytes
Page   20 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Optical Indicator

LOM676 Datasheet (HTML) - OSRAM GmbH


LOM676 Product details

Features
• package: white SMT package, colorless clear resin
• feature of the device: small package 2.3 mm x 1.3 mm x 1.4 mm
• wavelength: 633 nm (super-red), 615 nm (amber), 606 nm (orange), 587 nm (yellow)
• viewing angle: Lambertian Emitter (120°)
• technology: InGaAlP
• optical efficiency: 11 lm/W (yellow, orange, amber), 7 lm/W (super-red)
• grouping parameter: luminous intensity, wavelength
• assembly methods: suitable for all SMT assembly methods
• soldering methods: IR reflow soldering and TTW soldering
• preconditioning: acc. to JEDEC Level 2
• taping: 8 mm tape with 3000/reel, ø180 mm or 12000/reel, ø330 mm
• ESD-withstand voltage: up to 2 kV acc. to JESD22-A114-B

Applications
• indoor displays
• optical indicators
• coupling into light guides
• backlighting (LCD, switches, keys, displays,
   illuminated advertising, general lighting)
• interior automotive lighting. (e.g. dashboard backlighting, etc.)




Similar Part No. - LOM676

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LOM676-NR SIEMENS-LOM676-NR Datasheet
87Kb / 7P
Hyper Mini TOPLED Hyper-Bright LED
LOM676-P SIEMENS-LOM676-P Datasheet
87Kb / 7P
Hyper Mini TOPLED Hyper-Bright LED
LOM676-PS SIEMENS-LOM676-PS Datasheet
87Kb / 7P
Hyper Mini TOPLED Hyper-Bright LED
LOM676-Q SIEMENS-LOM676-Q Datasheet
87Kb / 7P
Hyper Mini TOPLED Hyper-Bright LED
logo
OSRAM GmbH
LOM676-Q2T1-24 OSRAM-LOM676-Q2T1-24 Datasheet
511Kb / 20P
white SMT package, colorless clear resin
More results


Similar Description - LOM676

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TSL-5050UB000MTH SUNTAN-TSL-5050UB000MTH Datasheet
340Kb / 3P
Optical indicator
logo
OSRAM GmbH
LSR976-NR-1 OSRAM-LSR976-NR-1 Datasheet
404Kb / 20P
Optical Indicator
LGT679 OSRAM-LGT679 Datasheet
440Kb / 19P
Optical Indicator
LOT676 OSRAM-LOT676 Datasheet
477Kb / 19P
Optical Indicator
LOT776 OSRAM-LOT776 Datasheet
435Kb / 19P
Optical Indicator
LPM675 OSRAM-LPM675 Datasheet
501Kb / 20P
Optical Indicator
LAM67B OSRAM-LAM67B_14 Datasheet
569Kb / 20P
Optical Indicator
logo
Everlight Electronics C...
EAPL2214GA2 EVERLIGHT-EAPL2214GA2 Datasheet
358Kb / 12P
Optical indicator
EAPL2214WA4 EVERLIGHT-EAPL2214WA4 Datasheet
356Kb / 12P
Optical indicator
EAPL4508RGBA5 EVERLIGHT-EAPL4508RGBA5 Datasheet
473Kb / 13P
Optical indicator.
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com