Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5252 Datasheet (PDF) - Analog Devices

AD5252 Datasheet PDF - Analog Devices
Part # AD5252
Download  AD5252 Download
File Size   859.12 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual 64-and 256-Position I2C Nonvolatile Memory Digital Potentiometers

AD5252 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5252 Datasheet PDF - Analog Devices

Part # AD5252
Download  AD5252 Click to download

File Size   859.12 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual 64-and 256-Position I2C Nonvolatile Memory Digital Potentiometers

AD5252 Datasheet (HTML) - Analog Devices


AD5252 Product details

GENERAL DESCRIPTION
The AD5251/AD5252 are dual-channel, I2C®, nonvolatile memory, digitally controlled potentiometers with 64/256 positions, respectively. These devices perform the same electronic adjustment functions as mechanical potentiometers, trimmers, and variable resistors. The parts’ versatile programmability allows multiple modes of operation, including read/write access in the RDAC and EEMEM registers, increment/decrement of resistance, resistance changes in ±6 dB scales, wiper setting readback, and extra EEMEM for storing user-defined information, such as memory data for other components, look-up table, or system identification information.

FEATURES
    AD5251: Dual 64-position resolution
    AD5252: Dual 256-position resolution
    1 kΩ, 10 kΩ, 50 kΩ, 100 kΩ
    Nonvolatile memory1 stores wiper setting w/write protection
    Power-on refreshed with EEMEM settings in 300 µs typ
    EEMEM rewrite time = 540 µs typ
    Resistance tolerance stored in nonvolatile memory
    12 extra bytes in EEMEM for user-defined information
    I2C-compatible serial interface
    Direct read/write access of RDAC2 and EEMEM registers
    Predefined linear increment/decrement commands
    Predefined ±6 dB step change commands
    Synchronous or asynchronous dual-channel update
    Wiper setting readback
    4 MHz bandwidth—1 kΩ version
    Single supply 2.7 V to 5.5 V
    Dual supply ±2.25 V to ±2.75 V
    2 slave address decoding bits allow operation of 4 devices
    100-year typical data retention, TA = 55°C
    Operating temperature: –40°C to +105°C

APPLICATIONS
    Mechanical potentiometer replacement
    General-purpose DAC replacement
    LCD panel VCOM adjustment
    White LED brightness adjustment
    RF base station power amp bias control
    Programmable gain and offset control
    Programmable voltage-to-current conversion
    Programmable power supply
    Sensor calibrations




Similar Part No. - AD5252

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5252 AD-AD5252 Datasheet
566Kb / 28P
Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
11/2017-Rev. D to Rev. E
AD5252BRU1 AD-AD5252BRU1 Datasheet
575Kb / 28P
Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. D
AD5252BRU1-RL7 AD-AD5252BRU1-RL7 Datasheet
575Kb / 28P
Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. D
AD5252BRU10 AD-AD5252BRU10 Datasheet
575Kb / 28P
Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. D
AD5252BRU10-RL7 AD-AD5252BRU10-RL7 Datasheet
575Kb / 28P
Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. D
More results


Similar Description - AD5252

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5235 AD-AD5235 Datasheet
102Kb / 10P
Nonvolatile Memory, Dual 1024 Position Digital Potentiometers
06-Nov-2000
AD5253 AD-AD5253 Datasheet
834Kb / 28P
Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
AD5253 AD-AD5253_12 Datasheet
576Kb / 32P
Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
AD5251 AD-AD5251_12 Datasheet
575Kb / 28P
Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. D
AD5254BRUZ50 AD-AD5254BRUZ50 Datasheet
576Kb / 32P
Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
AD5253 AD-AD5253_15 Datasheet
576Kb / 32P
Quad 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. C
AD5254 AD-AD5254_15 Datasheet
576Kb / 32P
Quad 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. C
AD5251 AD-AD5251_15 Datasheet
575Kb / 28P
Dual 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. D
AD5252 AD-AD5252_15 Datasheet
575Kb / 28P
Dual 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. D
AD5251 AD-AD5251 Datasheet
566Kb / 28P
Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
11/2017-Rev. D to Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com