Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8841 Datasheet (PDF) - Analog Devices

DAC8841 Datasheet PDF - Analog Devices
Part # DAC8841
Download  DAC8841 Download
File Size   594.9 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8 BIT OCTAL 2-QUADRANT MULTIPLYING CMOS TRIM DAC

DAC8841 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC8841 Datasheet PDF - Analog Devices

Part # DAC8841
Download  DAC8841 Click to download

File Size   594.9 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8 BIT OCTAL 2-QUADRANT MULTIPLYING CMOS TRIM DAC

DAC8841 Datasheet (HTML) - Analog Devices


DAC8841 Product details

GENERAL DESCRIPTION
The DAC-8841 provides eight general purpose digitally controDed voltage adjustment devices. The TrimDAC™ capability replaces the mechanical trimmer function in new designs. It is ideal for ac or dc gain control of up to 1 MHz bandwidth signals.


FEATURES
   Replaces 8 Potentiometers
   Operates From Single +5 V Supply
   1 MHz 2-Quadrant Muitipiying Bandwidth
   No Signal Inversion
   Eight Individual Channels
   3-Wire Serial Input
   500 kHz Update Data Loading Rate
   +3 Volt Output Swing
   Midscale Preset
   Low 95 mW Power Dissipation

APPLICATIONS
   Trimmer Replacement
   Dynamic Level Adjustment
   Special Waveform Generation and Modulation
   Programmable Gain Amplifiers




Similar Part No. - DAC8841

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC8841 AD-DAC8841_13 Datasheet
587Kb / 12P
8-Bit Octal, 2-Quadrant Multiplying, CMOS TrimDAC
REV. A
More results


Similar Description - DAC8841

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8842 AD-AD8842 Datasheet
506Kb / 12P
8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV.0
DAC-8841 AD-DAC-8841 Datasheet
584Kb / 12P
8-Bit Octal, 2-Quadrant Multiplying, CMOS TrimDAC
DAC8840 AD-DAC8840 Datasheet
513Kb / 12P
8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
logo
Sipex Corporation
SP9840 SIPEX-SP9840 Datasheet
130Kb / 10P
8-Bit Octal, 4-Quadrant Multiplying, BiCMOS DAC
SP9841 SIPEX-SP9841 Datasheet
738Kb / 32P
8-Bit Octal, 2-Quadrant Multiplying, BiCMOS DAC
logo
Analog Devices
DAC8841 AD-DAC8841_13 Datasheet
587Kb / 12P
8-Bit Octal, 2-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD8842ARZ AD-AD8842ARZ Datasheet
1Mb / 13P
8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD8842ARZ AD-AD8842ARZ Datasheet
1Mb / 13P
8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD8842 AD-AD8842_15 Datasheet
1Mb / 13P
8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD7524 AD-AD7524_17 Datasheet
196Kb / 9P
CMOS 8-Bit Buffered Multiplying DAC
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com