Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPH1 Datasheet (PDF) - ISOCOM COMPONENTS

FPH1 Datasheet PDF - ISOCOM COMPONENTS
Part # FPH1
Download  FPH1 Download
File Size   337.95 Kbytes
Page   1 Pages
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS
Description Computer terminals

FPH1 Datasheet (PDF)

Go To PDF Page Download Datasheet
FPH1 Datasheet PDF - ISOCOM COMPONENTS

Part # FPH1
Download  FPH1 Click to download

File Size   337.95 Kbytes
Page   1 Pages
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS
Description Computer terminals

FPH1 Datasheet (HTML) - ISOCOM COMPONENTS


FPH1 Product details

DESCRIPTION
The IS2732-1 is an optically coupled isolator consisting of an infrared light emitting diode and a high voltage NPN silicon photo darlington which has an integral base-emitter resistor to optimise switching speed and elevated temperature characteristics in a space efficient dual in line plastic package.

FEATURES
• Marked as FPH1.
• Current Transfer Ratio MIN. 1000%
• High collector-emitter voltage, Vceo=300V
• IsolationVoltage(3.75kVRMS,5.3kVPK)
• All electrical parameters 100% tested
• Drop in replacement for NEC PS2732-1

APPLICATIONS
• Computer terminals
• Industrial systems controllers
• Measuring instruments
• Signal transmission between systems of different potentials and impedances




Similar Part No. - FPH1

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
FPH1 ISOCOM-FPH1 Datasheet
316Kb / 6P
Computer terminals
More results


Similar Description - FPH1

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8503 AME-AME8503 Datasheet
491Kb / 17P
Computer Peripherals
logo
Ohmite Mfg. Co.
RES-LVC OHMITE-RES-LVC Datasheet
360Kb / 2P
Computer
logo
ISOCOM COMPONENTS
IS124 ISOCOM-IS124 Datasheet
59Kb / 2P
Computer terminals
IS126 ISOCOM-IS126 Datasheet
57Kb / 2P
Computer terminals
IS354 ISOCOM-IS354 Datasheet
58Kb / 2P
Computer terminals
IS355 ISOCOM-IS355 Datasheet
625Kb / 2P
Computer terminals
IS452 ISOCOM-IS452 Datasheet
316Kb / 6P
Computer terminals
IS2701-1 ISOCOM-IS2701-1 Datasheet
62Kb / 2P
Computer terminals
IS2702-1 ISOCOM-IS2702-1 Datasheet
278Kb / 6P
Computer terminals
IS2705-1 ISOCOM-IS2705-1 Datasheet
315Kb / 6P
Computer terminals
More results




About ISOCOM COMPONENTS


Isocom Components is a UK-based company that specializes in the design, development, and manufacture of optocouplers and optoelectronic components. The company was founded in 1982 and is headquartered in Havant, Hampshire, England.

Isocom's product portfolio includes a wide range of optocouplers, phototransistors, photodiodes, infrared (IR) sensors, and solid-state relays. These products are used in a variety of applications, including telecommunications, industrial control, medical equipment, and consumer electronics.

Isocom Components has a strong focus on research and development, and the company's products are known for their reliability, high-performance, and low power consumption. Isocom serves customers worldwide and has offices and distribution partners in Europe, North America, and Asia.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com