Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSN-3000 Datasheet (PDF) - Maxwell Technologies

HSN-3000 Datasheet PDF - Maxwell Technologies
Part # HSN-3000
Download  HSN-3000 Download
File Size   166.49 Kbytes
Page   5 Pages
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies
Description Nuclear Event Detector

HSN-3000 Datasheet (PDF)

Go To PDF Page Download Datasheet
HSN-3000 Datasheet PDF - Maxwell Technologies

Part # HSN-3000
Download  HSN-3000 Click to download

File Size   166.49 Kbytes
Page   5 Pages
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies
Description Nuclear Event Detector

HSN-3000 Datasheet (HTML) - Maxwell Technologies


HSN-3000 Product details

DESCRIPTION:
Maxwell Technologies’ HSN-3000 radiation-hardened Hybrid Nuclear Event Detector (NED) senses ionizing radiation pulses generated by a nuclear event, such as the detonation of a nuclear weapon, and rapidly switches its outputs from the normal high state to a low state with a propagation delay time of less than 20ns.

FEATURES:
• Detects ionizing radiation pulses
• 100% tested/certified detection threshold level
• Adjustable circumvention period
• Flag remembers event occurred
• 100% testable with built-in test
• Detection threshold adjustability
• Single +5V operation
• Radiation hardness guaranteed
• Compliant to MIL-PRF-38534 Class H1
• Flat pack (F) or DIP (L) packages




Similar Part No. - HSN-3000

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HSN-300 MEANWELL-HSN-300 Datasheet
146Kb / 3P
300W Single Output Switching Power Supply
More results


Similar Description - HSN-3000

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
GA100 MICROSEMI-GA100 Datasheet
202Kb / 4P
SCRs Nuclear Radiation Resistant, Planar
logo
Maxim Integrated Produc...
DS1678 MAXIM-DS1678 Datasheet
819Kb / 25P
Real-Time Event Recorder
100405
logo
Maxwell Technologies
HSN-500 MAXWELL-HSN-500 Datasheet
161Kb / 4P
Nuclear Event Detector
HSN-1000 MAXWELL-HSN-1000 Datasheet
161Kb / 4P
Nuclear Event Detector
HSN-2000 MAXWELL-HSN-2000 Datasheet
161Kb / 4P
Nuclear Event Detector
HSN500 MAXWELL-HSN500 Datasheet
166Kb / 4P
Nuclear Event Detector
HSN1000 MAXWELL-HSN1000 Datasheet
167Kb / 4P
Nuclear Event Detector
HSN2000 MAXWELL-HSN2000 Datasheet
167Kb / 4P
Nuclear Event Detector
HSN3000 MAXWELL-HSN3000 Datasheet
172Kb / 5P
Nuclear Event Detector
logo
Keysight Technologies
N5415B KEYSIGHT-N5415B Datasheet
4Mb / 12P
InfiniiScan Event Identification Software
More results




About Maxwell Technologies


Maxwell Technologies, Inc. was an American company that specialized in the design and manufacture of energy storage and power delivery solutions.

The company was founded in 1965 and had its headquarters in San Diego, California.

Maxwell Technologies offered a wide range of products including ultracapacitors, high-voltage capacitors, and microelectronic components.

These products were used in a variety of applications, including transportation, renewable energy systems, and industrial equipment.

In 2019, Maxwell Technologies was acquired by Tesla, Inc., and its products are now part of Tesla's energy storage and power delivery solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com