Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICPL2533 Datasheet (PDF) - List of Unclassifed Manufacturers

ICPL2533 Datasheet PDF - List of Unclassifed Manufacturers
Part # ICPL2533
Download  ICPL2533 Download
File Size   66.14 Kbytes
Page   4 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description HIGH SPEED DUAL CHANNEL OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT

ICPL2533 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICPL2533 Datasheet PDF - List of Unclassifed Manufacturers

Part # ICPL2533
Download  ICPL2533 Click to download

File Size   66.14 Kbytes
Page   4 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description HIGH SPEED DUAL CHANNEL OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT

ICPL2533 Datasheet (HTML) - List of Unclassifed Manufacturers


ICPL2533 Product details

[Isocom]

DESCRIPTION
These dual channel diode-transistor optocouplers use a light emitting diode and an integrated photon detector to provide 2500Volts RMS electrical isolation between input and output. Seperate connection for the photodiode bias and output transistor collector improve the speed up to a hundred times that of a conventional photo-transistor coupler by reducing the base-collector capacitance.

FEATURES
● High speed - 250k b/s NRZ
● High Common Mode Transient Immunity 1000V/µs
● TTL Compatible
● Open Collector Outputs
● 2500V RMS Withstand Test Voltage,1 Min
● Options :-
   10mm lead spread - add G after part no.
   Surface mount - add SM after part no.
   Tape&reel - add SMT&R after part no.
● All electrical parameters 100% tested
● Custom electrical selections available

APPLICATIONS
● Line receivers
● Pulse transformer replacement
● Wide bandwidth analog coupling
● Output interface to CMOS-LSTTL-TTL




Similar Part No. - ICPL2533

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICPL2530 ETC-ICPL2530 Datasheet
67Kb / 4P
HIGH SPEED DUAL CHANNEL OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
ICPL2531 ETC-ICPL2531 Datasheet
67Kb / 4P
HIGH SPEED DUAL CHANNEL OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
More results


Similar Description - ICPL2533

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICPL2530 ETC-ICPL2530 Datasheet
67Kb / 4P
HIGH SPEED DUAL CHANNEL OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
6N135 ETC-6N135 Datasheet
62Kb / 4P
HIGH SPEED OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
H11AV1X ETC-H11AV1X Datasheet
56Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
CNX72AX ETC-CNX72AX Datasheet
52Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
SFH601-5 ETC1-SFH601-5 Datasheet
67Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
4N35X ETC1-4N35X Datasheet
55Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
ISOCOM COMPONENTS
4N25X ISOCOM-4N25X Datasheet
55Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
MCT2200X ISOCOM-MCT2200X Datasheet
54Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
4N38X ISOCOM-4N38X Datasheet
75Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
MCT270 ISOCOM-MCT270 Datasheet
480Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com