Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICM107B Datasheet (PDF) - List of Unclassifed Manufacturers

ICM107B Datasheet PDF - List of Unclassifed Manufacturers
Part # ICM107B
Download  ICM107B Download
File Size   517.96 Kbytes
Page   20 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description ICM107B Mega pixel Color CMOS image sensor

ICM107B Datasheet (PDF)

Go To PDF Page Download Datasheet
ICM107B Datasheet PDF - List of Unclassifed Manufacturers

Part # ICM107B
Download  ICM107B Click to download

File Size   517.96 Kbytes
Page   20 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description ICM107B Mega pixel Color CMOS image sensor

ICM107B Datasheet (HTML) - List of Unclassifed Manufacturers


ICM107B Product details

[IC MEDIA]

General Description
ICM-107B is a single-chip digital color-imaging device. It incorporates a 1152x864 sensor array capable of operating at up to 30 frames per second and sub-sampled quarter mega pixel resolution, operating at higher frame rate in progressive manner. Each pixel is covered by a color filter, which formed a so-called Bayer pattern. Correlated double sampling is performed by the internal ADC and timing circuitry. The gains for raw data can be adjusted separately for the 4 Bayer pattern pixels. The output format is 10-bit raw data that can be fed to other DSP, color processing, or compression chips.

Features
• 1 mega pixels (1152x864) format, used with 1/2” optical system
• Support sub-sampling at quarter (1/4) mega pixel resolution for higher video frame rate
• Progressive readout
• Output data format: 10-bit raw data
• Input interface: SIF
• Electronic exposure control
• On-chip 11-bit ADC
• On-chip PLL
• Correlated double sampling
• Video mode and DSC mode
• Dead pixel removal
• Flash control
• Power down mode
• Automatic optical black compensation
• Horizontal and veritcal images
• Single 3.3V power supply

Applications
• Digital camcorder
• Digital still camera
• Video phone
• Video conferencing
• Video mail
• Video cellular phone
• PC camera
• Security system
• Visual toy
• Industrial image capture/analysis
• Environment monitor system




Similar Part No. - ICM107B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICM102A ETC1-ICM102A Datasheet
306Kb / 15P
ICM102A CIF CMOS image sensor
ICM105B ETC1-ICM105B Datasheet
1Mb / 17P
Color VGA CMOS Image Sensor
ICM108B ETC1-ICM108B Datasheet
449Kb / 20P
1.3 million pixel Color CMOS image sensor
More results


Similar Description - ICM107B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT71200 ATMEL-AT71200 Datasheet
281Kb / 19P
8M-pixel Color Image Sensor
logo
Cypress Semiconductor
LUPA-4000 CYPRESS-LUPA-4000 Datasheet
1Mb / 49P
4M Pixel CMOS Image Sensor
logo
List of Unclassifed Man...
ICM515NB ETC1-ICM515NB Datasheet
440Kb / 25P
Color CMOS Image Sensor With 574x483 Pixel NTSC Composite Video Output
ICM108B ETC1-ICM108B Datasheet
449Kb / 20P
1.3 million pixel Color CMOS image sensor
logo
Cypress Semiconductor
CYIL1SM4000AA-GDC CYPRESS-CYIL1SM4000AA-GDC Datasheet
1Mb / 38P
4M Pixel CMOS Image Sensor
CYIS1SM0250-AA CYPRESS-CYIS1SM0250-AA Datasheet
469Kb / 24P
250K Pixel Radiation Hard CMOS Image Sensor
LUPA-4000 CYPRESS-LUPA-4000_07 Datasheet
1Mb / 38P
4M Pixel CMOS Image Sensor
STAR1000 CYPRESS-STAR1000_09 Datasheet
1Mb / 21P
1M Pixel Radiation Hard CMOS Image Sensor
logo
ON Semiconductor
NOIS1SM0250A ONSEMI-NOIS1SM0250A_17 Datasheet
453Kb / 24P
Pixel Radiation Tolerant CMOS Image Sensor
January, 2017 ??Rev. 11
logo
ATMEL Corporation
AT71200M ATMEL-AT71200M Datasheet
455Kb / 19P
8M-pixel Color Image Sensor
Rev. 2133A-IMAGE-02/03
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com