Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0747370004 Datasheet (PDF) - Molex Electronics Ltd.

0747370004 Datasheet PDF - Molex Electronics Ltd.
Part # 0747370004
Download  0747370004 Download
File Size   35.48 Kbytes
Page   1 Pages
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.
Description SFP One Piece Cage, EMI Shielding, 2.29mm Press-Fit Tails, Belly-to-Belly

0747370004 Datasheet (PDF)

Go To PDF Page Download Datasheet
0747370004 Datasheet PDF - Molex Electronics Ltd.

Part # 0747370004
Download  0747370004 Click to download

File Size   35.48 Kbytes
Page   1 Pages
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.
Description SFP One Piece Cage, EMI Shielding, 2.29mm Press-Fit Tails, Belly-to-Belly

0747370004 Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 0747370004

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0747370002 MOLEX1-0747370002 Datasheet
35Kb / 1P
SFP One Piece Cage, EMI Shielding, 2.29mm Press-Fit Tails
0747370005 MOLEX1-0747370005 Datasheet
35Kb / 1P
SFP One Piece Cage, EMI Shielding, 3.05mm Press-Fit Tails, with Flat EMI Pins
0747370009 MOLEX1-0747370009 Datasheet
36Kb / 1P
SFP One Piece Cage, EMI Shielding, 3.05mm Press-Fit Tails
More results


Similar Description - 0747370004

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0622030220 MOLEX11-0622030220 Datasheet
29Kb / 1P
Belly-to-Belly Removal Tool
0747540415 MOLEX1-0747540415 Datasheet
44Kb / 1P
SFP Cage, 1-by-4 Ganged, 3.05mm Press Fit Pins, EMI Gasket, Underbelly Spring Fingers, Belly-Belly Use
0747370002 MOLEX1-0747370002 Datasheet
35Kb / 1P
SFP One Piece Cage, EMI Shielding, 2.29mm Press-Fit Tails
0747370005 MOLEX1-0747370005 Datasheet
35Kb / 1P
SFP One Piece Cage, EMI Shielding, 3.05mm Press-Fit Tails, with Flat EMI Pins
0747370009 MOLEX1-0747370009 Datasheet
36Kb / 1P
SFP One Piece Cage, EMI Shielding, 3.05mm Press-Fit Tails
0747370010 MOLEX1-0747370010 Datasheet
35Kb / 1P
SFP One Piece Cage, EMI Shielding, 3.38mm Solder Post Tails
0747370014 MOLEX1-0747370014 Datasheet
35Kb / 1P
SFP One Piece Cage, EMI Shielding, 3.05mm Press-Fit Tails, with Pick-and-Place Polyimide Tape
0747370016 MOLEX1-0747370016 Datasheet
35Kb / 1P
SFP One Piece Cage, EMI Shielding, 3.05mm Press-Fit Tails, for PCI Applications
0747370026 MOLEX1-0747370026 Datasheet
35Kb / 1P
SFP One Piece Cage, Spring Finger Gaskets, 3.05mm Press-Fit Tails, for Belly-Belly Applications
0622030220 MOLEX-0622030220 Datasheet
29Kb / 1P
Belly-to-Belly Removal Tool
02/27/2021
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com