Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT7200L Datasheet (PDF) - Integrated Device Technology

IDT7200L Datasheet PDF - Integrated Device Technology
Part # IDT7200L
Download  IDT7200L Download
File Size   144.65 Kbytes
Page   14 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9

IDT7200L Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT7200L Datasheet PDF - Integrated Device Technology

Part # IDT7200L
Download  IDT7200L Click to download

File Size   144.65 Kbytes
Page   14 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9

IDT7200L Datasheet (HTML) - Integrated Device Technology


IDT7200L Product details

DESCRIPTION:
The IDT7200/7201/7202 are dual-port memories that load and empty data on a first-in/first-out basis. The devices use Full and Empty flags to prevent data overflow and underflow and expansion logic to allow for unlimited expansion capability in both word size and depth.

FEATURES:
• First-In/First-Out dual-port memory
• 256 x 9 organization (IDT7200)
• 512 x 9 organization (IDT7201)
• 1,024 x 9 organization (IDT7202)
• Low power consumption
   — Active: 440mW (max.)
   —Power-down: 28mW (max.)
• Ultra high speed—12ns access time
• Asynchronous and simultaneous read and write
• Fully expandable by both word depth and/or bit width
• Pin and functionally compatible with 720X family
• Status Flags: Empty, Half-Full, Full
• Auto-retransmit capability
• High-performance CEMOS™ technology
• Military product compliant to MIL-STD-883, Class B
• Standard Military Drawing #5962-87531, 5962-89666, 5962-89863 and 5962-89536 are listed on this function
• Dual versions available in the TSSOP package. For more information, see IDT7280/7281/7282 data sheet
   IDT7280 = 2 x IDT7200
   IDT7281 = 2 x IDT7201
   IDT7282 = 2 x IDT7202
• Industrial temperature range (–40oC to +85oC) is available (plastic packages only)




Similar Part No. - IDT7200L

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7200L IDT-IDT7200L Datasheet
145Kb / 13P
CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
logo
List of Unclassifed Man...
IDT7200L ETC2-IDT7200L Datasheet
313Kb / 14P
CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
Integrated Device Techn...
IDT7200L IDT-IDT7200L Datasheet
313Kb / 14P
First-In/First-Out dual-port memory
IDT7200L IDT-IDT7200L Datasheet
313Kb / 14P
First-In/First-Out dual-port memory
IDT7200L IDT-IDT7200L Datasheet
313Kb / 14P
CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
More results


Similar Description - IDT7200L

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MS7200L MOSEL-MS7200L Datasheet
175Kb / 11P
256 x 9, 512 x 9, 1K x 9 CMOS FIFO
logo
Integrated Device Techn...
IDT7200L IDT-IDT7200L Datasheet
145Kb / 13P
CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
IDT7280 IDT-IDT7280 Datasheet
142Kb / 12P
CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9, DUAL 1024 x 9
IDT72V01 IDT-IDT72V01 Datasheet
133Kb / 13P
3.3 VOLT CMOS ASYNCHRONOUS FIFO 512 x 9, 1024 x 9, 2048 x 9, 4096 x 9
IDT72V201 IDT-IDT72V201 Datasheet
115Kb / 14P
3.3 VOLT CMOS SyncFIFO??256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
IDT7280 IDT-IDT7280 Datasheet
154Kb / 12P
CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9,DUAL 1,024 x 9, DUAL 2,048 x 9,DUAL 4,096 x 9, DUAL 8,192 x 9
IDT72V81 IDT-IDT72V81 Datasheet
98Kb / 11P
3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9
IDT72V81 IDT-IDT72V81_09 Datasheet
125Kb / 12P
3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9 DUAL 8,192 X 9
logo
List of Unclassifed Man...
IDT7202LA25SOI ETC2-IDT7202LA25SOI Datasheet
313Kb / 14P
CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
Integrated Device Techn...
7201LA20DB IDT-7201LA20DB Datasheet
313Kb / 14P
CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com