Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRKT250-16 Datasheet (PDF) - International Rectifier

IRKT250-16 Datasheet PDF - International Rectifier
Part # IRKT250-16
Download  IRKT250-16 Download
File Size   157.74 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description SCR / SCR and SCR / DIODE

IRKT250-16 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRKT250-16 Datasheet PDF - International Rectifier

Part # IRKT250-16
Download  IRKT250-16 Click to download

File Size   157.74 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description SCR / SCR and SCR / DIODE

IRKT250-16 Datasheet (HTML) - International Rectifier




Similar Part No. - IRKT250-16

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRKT250-14 VISHAY-IRKT250-14 Datasheet
313Kb / 12P
SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 170 A/250 A
02-Jul-10
logo
International Rectifier
IRKT250-14D20 IRF-IRKT250-14D20 Datasheet
150Kb / 6P
SCR / SCR and SCR / DIODE MAGN-A-pak Power Modules
More results


Similar Description - IRKT250-16

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRK IRF-IRK Datasheet
150Kb / 6P
SCR / SCR and SCR / DIODE MAGN-A-pak Power Modules
logo
Vishay Siliconix
VSK170PBF VISHAY-VSK170PBF Datasheet
245Kb / 11P
SCR/SCR and SCR/Diode (MAGN-A-PAKTM Power Modules), 170/250 A
22-Apr-08
VSKT230 VISHAY-VSKT230 Datasheet
345Kb / 8P
SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 230 A
02-Jul-10
VS-VSK170PBF VISHAY-VS-VSK170PBF Datasheet
323Kb / 13P
SCR/SCR and SCR/Diode
17-Jul-14
VS-VSKT230-16 VISHAY-VS-VSKT230-16 Datasheet
218Kb / 10P
SCR/SCR and SCR/Diode
17-Jul-14
VS-VSK.230PBF VISHAY-VS-VSK.230PBF Datasheet
186Kb / 9P
SCR / SCR and SCR / Diode (MAGN-A-PAK Power Modules), 230 A
27-Apr-17
VS-VSK230PBF VISHAY-VS-VSK230PBF_V01 Datasheet
170Kb / 9P
SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 230 A
12-Nov-2018
VS-VSK.230..PBF VISHAY-VS-VSK.230..PBF Datasheet
168Kb / 9P
SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 230 A
12-Nov-2018
VS-VSK.170PBF VISHAY-VS-VSK.170PBF_V02 Datasheet
273Kb / 12P
SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 170 A, 250 A
12-Nov-2018
VS-VSK.230..PBF VISHAY-VS-VSK.230..PBF_V01 Datasheet
169Kb / 9P
SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 230 A
12-Nov-2018
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com