Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL151 Datasheet (PDF) - Gaomi Xinghe Electronics Co., Ltd.

RL151 Datasheet PDF - Gaomi Xinghe Electronics Co., Ltd.
Part # RL151
Download  RL151 Download
File Size   328.99 Kbytes
Page   2 Pages
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.
Description GENERAL PURPOSE PLASTIC RECTIFIER

RL151 Datasheet (PDF)

Go To PDF Page Download Datasheet
RL151 Datasheet PDF - Gaomi Xinghe Electronics Co., Ltd.

Part # RL151
Download  RL151 Click to download

File Size   328.99 Kbytes
Page   2 Pages
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.
Description GENERAL PURPOSE PLASTIC RECTIFIER

RL151 Datasheet (HTML) - Gaomi Xinghe Electronics Co., Ltd.


RL151 Product details

FEATURES
• The plastic package carries Underwrites Laboratory Flammability Classification 94V-0
• High surge current capability
• 1.5 amperes operation at TL=75°C with no thermal runaway
• Low reverse leakage
• Low forward voltage drop
• Construction utilizes void-free molded plastic technique
• High temperature soldering guaranteed: 260 C/10 seconds at terminals 0.375"(9.5mm) lead length,5lbs.(2.3kg)tension Component in accordance to RoHs 2002/95/EC and WEEE 2002/96/EC




Similar Part No. - RL151

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RL151 RECTRON-RL151 Datasheet
23Kb / 2P
SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Ampere)
logo
Bytes
RL151 BYTES-RL151 Datasheet
150Kb / 2P
1.5 AMP SILICON RECTIFIERS
logo
Formosa MS
RL151 FORMOSA-RL151 Datasheet
32Kb / 2P
1.5 AMP SILICON RECTIFIERS
logo
GOOD-ARK Electronics
RL151 GOOD-ARK-RL151 Datasheet
52Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER
logo
Leshan Radio Company
RL151 LRC-RL151 Datasheet
50Kb / 2P
1.5 GENERAL DIODES
More results


Similar Description - RL151

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
BY127 CHENYI-BY127 Datasheet
126Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER
logo
General Semiconductor
1N4001 GE-1N4001 Datasheet
45Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER
1N5391 GE-1N5391 Datasheet
45Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER
logo
GOOD-ARK Electronics
1N5400 GOOD-ARK-1N5400 Datasheet
198Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER
RL201 GOOD-ARK-RL201 Datasheet
227Kb / 3P
GENERAL PURPOSE PLASTIC RECTIFIER
logo
Wing Shing Computer Com...
1N4001 WINGS-1N4001 Datasheet
29Kb / 1P
General Purpose Plastic Rectifier
logo
Vishay Siliconix
1N4001 VISHAY-1N4001 Datasheet
82Kb / 5P
General Purpose Plastic Rectifier
23-Feb-11
logo
Shenzhen Taychipst Elec...
GI500 TAYCHIPST-GI500 Datasheet
4Mb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER
logo
Vishay Siliconix
P600A VISHAY-P600A_15 Datasheet
80Kb / 5P
General Purpose Plastic Rectifier
13-Aug-13
logo
Shanghai Leiditech Elec...
1N5406G LEIDITECH-1N5406G Datasheet
385Kb / 2P
General Purpose Plastic Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com