Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAN53526 Datasheet (PDF) - ON Semiconductor

FAN53526 Datasheet PDF - ON Semiconductor
Part # FAN53526
Download  FAN53526 Download
File Size   1561.97 Kbytes
Page   25 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Digitally Programmable TinyBuck Regulator

FAN53526 Datasheet (PDF)

Go To PDF Page Download Datasheet
FAN53526 Datasheet PDF - ON Semiconductor

Part # FAN53526
Download  FAN53526 Click to download

File Size   1561.97 Kbytes
Page   25 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Digitally Programmable TinyBuck Regulator

FAN53526 Datasheet (HTML) - ON Semiconductor


FAN53526 Product details

Description
The FAN53526 is a step-down switching voltage regulator that delivers a digitally programmable output from an input voltage supply of 2.5 V to 5.5 V. The output voltage is programmed through an I2C interface capable of operating up to 3.4 MHz.

Features
● Fixed-Frequency Operation: 2.4 MHz
● Best-in-Class Load Transient
● Continuous Output Current Capability: 3.0 A
● 2.5 V to 5.5 V Input Voltage Range
● Digitally Programmable Output Voltage: - 0.600 V to 1.39375 V in 6.25 mV Steps
● Programmable Slew Rate for Voltage Transitions
● I2C-Compatible Interface Up to 3.4 Mbps
● PFM Mode for High Efficiency in Light-Load
● Quiescent Current in PFM Mode: 50 µA (Typical)
● Input Under-Voltage Lockout (UVLO)
● Thermal Shutdown and Overload Protection
● 15-Bump Wafer-Level Chip Scale Package (WLCSP)

Applications
● Application, Graphic, and DSP Processors
          - ARM™, Tegra™, OMAP™, NovaThor™,ARMADA™, Krait™, etc.
● Hard Disk Drives, LPDDR3, LPDDR4
● Tablets, Netbooks, Ultra-Mobile PCs
● Smart Phones
● Gaming Devices1




Similar Part No. - FAN53526

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN53526 ONSEMI-FAN53526 Datasheet
1Mb / 22P
3.0 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
December, 2017 ??Rev. 4
FAN53526UC00X ONSEMI-FAN53526UC00X Datasheet
1Mb / 22P
3.0 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
December, 2017 ??Rev. 4
FAN53526UC100X ONSEMI-FAN53526UC100X Datasheet
1Mb / 22P
3.0 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
December, 2017 ??Rev. 4
FAN53526UC106X ONSEMI-FAN53526UC106X Datasheet
1Mb / 22P
3.0 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
December, 2017 ??Rev. 4
FAN53526UC128X ONSEMI-FAN53526UC128X Datasheet
1Mb / 22P
3.0 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
December, 2017 ??Rev. 4
More results


Similar Description - FAN53526

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5355 FAIRCHILD-FAN5355 Datasheet
1Mb / 27P
1A / 0.8A, 3MHz Digitally Programmable TinyBuckTM Regulator
FAN5355 FAIRCHILD-FAN5355_10 Datasheet
2Mb / 26P
1A / 0.8A, 3MHz Digitally Programmable Regulator
FAN5365 FAIRCHILD-FAN5365 Datasheet
1,020Kb / 24P
1A / 0.8A, 6MHz Digitally Programmable Regulator
FAN53525 FAIRCHILD-FAN53525 Datasheet
390Kb / 4P
3.0A, 2.4MHz, Digitally Programmable TinyBuck Regulator
logo
ON Semiconductor
FAN53200 ONSEMI-FAN53200 Datasheet
785Kb / 16P
Digitally Programmable TinyBuck Regulator
January, 2018 ??Rev. 2
FAN53202 ONSEMI-FAN53202 Datasheet
1Mb / 21P
5 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
Rev. 1.0
FAN53525 ONSEMI-FAN53525 Datasheet
509Kb / 6P
3.0A, 2.4MHz, Digitally Programmable TinyBuck Regulator
Rev. 1.0.1
FAN53526 ONSEMI-FAN53526_17 Datasheet
1Mb / 22P
3.0 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
December, 2017 ??Rev. 4
FAN53528 ONSEMI-FAN53528 Datasheet
553Kb / 4P
3.0 A, 2.4 MHz, Digitally Programmable Buck Regulator
Rev. 1.2
FAN53555 ONSEMI-FAN53555 Datasheet
1Mb / 32P
5 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
March, 2018 ??Rev. 3
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com