Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T96 Datasheet (PDF) - Vishay Siliconix

T96 Datasheet PDF - Vishay Siliconix
Part # T96
Download  T96 Download
File Size   283.09 Kbytes
Page   18 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Low ESR, Built-in-Fuse, Conformal Coated Case

T96 Datasheet (PDF)

Go To PDF Page Download Datasheet
T96 Datasheet PDF - Vishay Siliconix

Part # T96
Download  T96 Click to download

File Size   283.09 Kbytes
Page   18 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Low ESR, Built-in-Fuse, Conformal Coated Case

T96 Datasheet (HTML) - Vishay Siliconix


T96 Product details

• High reliability design with reliability screening
available
• Surge current testing per MIL-PRF-55365
options available
• Standard and low ESR options
• Terminations: SnPb, standard. 100 % tin available
• Circuit protection for mission or safety critical systems
• Fuse characteristics: guaranteed fuse protection at 9 A,
100 ms
• Mounting: surface mount




Similar Part No. - T96

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T96 VISHAY-T96 Datasheet
93Kb / 4P
TANTAMOUNT® Low ESR, Hi-Rel COTS, Built-In Fuse Conformal Coated
25-Jun-08
logo
EUROQUARTZ limited
T96 EUROQUARTZ-T96 Datasheet
86Kb / 1P
Very Rugged - Low Phase Noise
logo
Vishay Siliconix
T96 VISHAY-T96 Datasheet
401Kb / 21P
Solid Tantalum Chip Capacitors, TANTAMOUNT™, Conformal Coated, Maximum CV, Low ESR
Revision: 06-Nov-2025
logo
E-SWITCH
T960012 E-SWITCH-T960012 Datasheet
199Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
T960013 E-SWITCH-T960013 Datasheet
161Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
More results


Similar Description - T96

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T95 VISHAY-T95 Datasheet
95Kb / 6P
Solid Tantalum Chip Capacitors TANTAMOUNT® Hi-Rel COTS, Conformal Coated Case
23-Jan-08
T96 VISHAY-T96 Datasheet
93Kb / 4P
TANTAMOUNT® Low ESR, Hi-Rel COTS, Built-In Fuse Conformal Coated
25-Jun-08
T97 VISHAY-T97 Datasheet
95Kb / 4P
Solid Tantalum Chip Capacitors TANTAMOUNT®, Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
05-Aug-08
T98 VISHAY-T98 Datasheet
86Kb / 4P
TANTAMOUNT® Low ESR, Hi-Rel COTS, Built-In Fuse Conformal Coated
25-Jun-08
T97 VISHAY-T97_1 Datasheet
86Kb / 5P
Solid Tantalum Chip Capacitors TANTAMOUNT Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
21-Jun-10
T97 VISHAY-T97_11 Datasheet
98Kb / 6P
Solid Tantalum Chip Capacitors TANTAMOUNT® , Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
05-Dec-11
T97R106K075LSA VISHAY-T97R106K075LSA Datasheet
103Kb / 7P
Solid Tantalum Chip Capacitors TANTAMOUNT® , Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
25-Jun-13
T95 VISHAY-T95_17 Datasheet
300Kb / 21P
Solid Tantalum Chip Capacitors, TANTAMOUNT™, Hi-Rel COTS, Conformal Coated
10-Aug-17
T97 VISHAY-T97_17 Datasheet
306Kb / 21P
Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
21-Jun-17
T98 VISHAY-T98_17 Datasheet
284Kb / 18P
Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Ultra-Low ESR, Built-in-Fuse, Conformal Coated Case
22-Jun-17
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com